Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE8220TPZPQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220TPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220TPZPQ1 Datasheet(HTML) 1 Page - Texas Instruments

  AFE8220TPZPQ1 Datasheet HTML 1Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 2Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 3Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 4Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 5Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 6Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 7Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 8Page - Texas Instruments AFE8220TPZPQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
AFE8220-Q1
www.ti.com....................................................................................................................................................... SBAS455A – JANUARY 2009 – REVISED JULY 2009
DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
2345
• Qualified for Automotive Applications
• Flexible Data Interface Optimized for TMS
Family of Digital Baseband Processors
• Two Intermediate Frequency (IF)
Analog-to-Digital Converters (ADCs)
• Pin-Selectable SPI™ and I2C™ Control
Interfaces
• Two 12-Bit Auxiliary Digital-to-Analog
Converters (DACs)
• 3.3-V/1.8-V Supply (Integrated Regulator
Available to Optionally Generate 1.8-V Supply)
• Integrated IF Digital Processing Core
• TQFP-100 PowerPAD™ Package
• Integrated Circuitry for Third-Overtone Master
Clock Oscillator
• Wakeup Circuit/Real-Time Clock With Separate
• IF-Sampled AM/FM Radio
Crystal Oscillator
• Hybrid Digital (HD) Digital Audio Broadcasting
(DAB) Digital Radio
The AFE8220 implements the intermediate frequency (IF) sampling and processing functions of a digital radio
receiver system. It is designed to be used with TI's digital radio baseband processors and AM/FM tuners. The
AFE8220 can also be programmed by the baseband processor for use in conventional AM/FM and digital radio.
This unit includes two IF inputs with associated filtering and digital processing circuitry.
The receive circuit oversamples the radio tuner IF output to reduce noise and improve dynamic range. The IF
analog-to-digital converter (ADC) oversamples the IF input at rates up to 75 MHz. the AFE8220 then digitally
mixes, filters, and decimates the signal to provide in-phase (I) and quadrature (Q) output signals to the baseband
processor. A clock oscillator circuit is provided that can be used with an appropriate third-overtone crystal and
external tank circuit to generate the sampling clock for the IF ADCs.
The AFE8220 also includes a real-time clock and associated low-power oscillator circuit. Two auxiliary
digital-to-analog converters (DACs) are included for system control functions. Other features include eight
general-purpose input/output (GPIO) lines and programmable interrupt generators.
The AFE8220 is available in a TQFP-100 (14 mm × 14 mm) package and uses a 3.3-V and a 1.8-V power
supply. An onboard voltage regulator is included to optionally generate the 1.8-V digital supply for the AFE8220.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
AFE8220IPZPQ1
AFE8220Q
HTQFP – PZP
Tray of 90
–40°C to 105°C
AFE8220TPZPQ1
AFE8220QT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
SPI is a trademark of Motorola, Inc.
4
I2C is a trademark of NXP Semiconductors.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AFE8220TPZPQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE8221 TI-AFE8221 Datasheet
534Kb / 48P
Dual IF Analog Front-End for Digital Radio
AFE8221-Q1 TI1-AFE8221-Q1 Datasheet
1Mb / 59P
DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT-END FOR DIGITAL RADIO
AFE8221-Q1 TI2-AFE8221-Q1 Datasheet
1Mb / 60P
DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT-END FOR DIGITAL RADIO
DECEMBER 2008
AFE8221IRFPQ1 TI1-AFE8221IRFPQ1 Datasheet
1Mb / 59P
DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT-END FOR DIGITAL RADIO
AFE8221IRFPQ1 TI2-AFE8221IRFPQ1 Datasheet
1Mb / 60P
DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT-END FOR DIGITAL RADIO
DECEMBER 2008
More results

Similar Description - AFE8220TPZPQ1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA001 STMICROELECTRONICS-STA001 Datasheet
310Kb / 20P
RF FRONT-END FOR DIGITAL RADIO
Nov-2002
logo
NXP Semiconductors
TEF6700HL PHILIPS-TEF6700HL Datasheet
305Kb / 56P
Car radio tuner front-end for digital IF
2003 Oct 21
TEF6701HL PHILIPS-TEF6701HL Datasheet
318Kb / 55P
Car radio tuner front-end for digital IF
Rev. 01-16 November 2004
TEF6721HL PHILIPS-TEF6721HL Datasheet
235Kb / 45P
Car radio tuner front-end for digital IF
Rev. 03-19 July 2005
logo
Texas Instruments
SN761631 TI-SN761631 Datasheet
630Kb / 26P
RF FRONT END FOR AM/FM IF SAMPLING RADIO
AFE8221 TI-AFE8221 Datasheet
534Kb / 48P
Dual IF Analog Front-End for Digital Radio
logo
NXP Semiconductors
TEF6730A NXP-TEF6730A Datasheet
276Kb / 58P
Front-end for digital-IF car radio
Rev. 01-21 February 2007
TEF6730 NXP-TEF6730 Datasheet
270Kb / 56P
Front-end for digital-IF car radio
Rev. 01-10 July 2006
logo
Texas Instruments
AFE8221-Q1 TI1-AFE8221-Q1 Datasheet
1Mb / 59P
DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT-END FOR DIGITAL RADIO
logo
Mixed Signal Integratio...
MSRFIF MSI-MSRFIF Datasheet
53Kb / 4P
Radio Frequency Interface Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com