Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33813 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # 33813
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33813 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button 33813 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
29
33813
The Retry Enable bit, bit 7, when set will allow the output to turn on for a short period and off for a long period when an over-
current condition is present. The open load (OL) current sink disable allow the current sink to be turned off when using the driver
as an LED driver to prevent ghosting, where the LEDs appears to be partially on due to the OL current sink. It can also be turned
off to measure the output device leakage. The Inrush delay bit, when set (by default for the Lamp driver) waits an additional time
before annunciating an over-current condition. This is done to allow for the inrush current of an incandescent lamp. The internal
PWM duty cycles (D/C) are controlled by the lower 7 bits in the corresponding SPI control register. The external duty cycles are
provided by the MCU on the input pin of the corresponding output driver.
5.1.22 VRSP, VRSN Inputs, VRSOUT Output
The 33813 contains a VRS input conditioning circuit that employs a differential input. VRSP and VRSN are the positive and
negative inputs from the VRS. (see diagram on next page) Internal zener diode clamps to ground and VCC limit the input voltage
to within the safe operating range of the circuit. It is important to provide external 15 k current limiting resistors to prevent damage
to the VRSP and VRSN inputs. (see R1 and R2 below) The VRS circuit conditions and digitizes the input from the crankshaft
mounted toothed wheel to provide an angle clock and RPM data to the MCU. This circuit provides a comparator with multiple
thresholds, which are programmed via the SPI to allow the VRS circuit to handle different sensors and the wide dynamic range
of the VRS output at engine speeds from crank to running. The output of this circuit is provided on the VRSOUT pin, which is a
5.0 Volt logic level signal to the MCU. The comparator threshold values can also be controlled automatically based on the input
signal amplitude. The output of the comparator contains a programmable one shot, noise blanking circuit. The time value of this
blanking pulse can be selected via the SPI as a percentage of the last input high (or low) pulse. The VRSOUT output can also
be divided and sent to the TACHOUT pin to drive a tachometer.
Table 9. LAMPOUT SPI Configuration Register
7
6
5
4
3
2
1
0
Retry
Enable
(0)
x
(0)
x
(0)
OL
Current
Sink
Enable
(1)
In- Rush
Delay
(1)
x
(0)
PWM
Freq.
1
(0)
PWM
Freq.
0
(0)
Table 10. PWM Duty Cycles
Bits 1, 0
PWM Frequency
PWM D/C
00
None or on ext. pin
None or on ext. pin
01
100 Hz
Internal
10
1.0 KHz
Internal
11
On ext pin
: 100
Internal
Table 11. SPI VRS Manual Configuration Register
SPI VRS Manual Parameters Configuration Register
Bits 7, 6, 5, 4
Threshold Values (nominal)
0000
0.01 - 28 mV
(Tolerance not specified below 110 mV threshold. Only specified for monotonicity.)
0001
0.01 - 36 mV
(Tolerance not specified below 110 mV threshold. Only specified for monotonicity.)
0010
3.0 - 36 mV
(Tolerance not specified below 110 mV threshold. Only specified for monotonicity.)
0011
8.0 - 48 mV
(Tolerance not specified below 110 mV threshold. Only specified for monotonicity.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com