Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33813 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 33813
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33813 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 33813 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
33813
Figure 6. Sleep State IPWR vs. Temperature
Figure 7. Sleep State IPWR vs. VPWR
Figure 8. RDS(ON) vs. Temperature at 1.0 A
0
25
50
100
125
-40
75
-25
Sleep State IPWR versus Temperature
2
4
6
8
10
12
14
T Abi t T
t
0
25
50
100
125
-40
75
-25
1
2
3
4
5
6
7
TA, Ambient Temperature (C)
VPWR @ 13 V
5
1015
2025
0
20
40
60
80
100
120
140
VPWR
TA = 25 C
025
50
100
125
-40
75
-25
75
100
125
150
175
200
TA, Ambient Temperature (C)
VPWR @ 13 V
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com