Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33813 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # 33813
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33813 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 33813 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
34
33813
More accurate current control can be provided by placing a current sense resistor between the IGNSENSP and IGNSENSN pins.
When both pre-drivers are used as ignition (IGBT) pre-drivers, the both pre-drivers can share one current sense resistor. The
input controls will determine the value of the current sense threshold voltage across the current sense resistor. When either one
of the inputs is ON, the threshold voltage will be VSENS-TH, but when both inputs are ON simultaneously, the threshold will be
raised to 2VSENS-TH to compensate for both pre-drivers being ON.
5.1.40 RESETB
The RESETB pin is a 5.0 volt logic, low level output that is used to reset the MCU. The RESETB pin is an open drain output.
Without power on the 33813 circuit, the RESETB pin is held low by an internal pull-down resistor. In a typical application, the
RESETB pin must be pulled up externally by a pull-up resistor to VCC
When power is applied to the circuit and the voltage on
the VCC pin reaches the lower voltage threshold, the RESETB pin will remain at a low level (open drain FET turned on) for a
period of time equal to the time value WDRESET. After this time period, the RESETB pin will go high and stay high until a reset
pulse is generated due to any of the following events:
1. A watchdog timer timeout event occurs,
2. An under-voltage event on VCC occurs, or
3. An over-voltage event on VPWR occurs.
A Power On Reset (POR) is always provided upon power ON (i.e. anytime the IC goes from sleep state to active state).
5.1.41 Disabling the Watchdog Timer
Since a watchdog reset occurs, by default 10 seconds after the POR, if the MCU needs to programmed in-circuit, a means of
disabling the watchdog must be provided to avoid interrupting the MCU programming procedure. This disable mechanism can
be a jumper between the RESETB pin of the 33813 and the MCU’s Reset input pin, or via an isolation resistor placed between
the RESETB pin on the 33813 and the MCU’s reset input pin that allows the MCU’s reset pin to be pulled high independently of
the 33813 RESETB. The watchdog can also be disabled via a bit in the SPI WD configuration register.
5.1.42 Internal Reset
There is a bit in the SPI control register that is labelled “Reset”. When this bit is set to a one (1) by the MCU, it will instruct the
33813 to perform an internal reset. This reset will NOT toggle the RESETB output pin, but will cause all internal registers to be
initialized back to their default values, including clearing the reset bit in the SPI control register.
5.2
MCU SPI Interface Description
The 33813 device directly interfaces to a 5.0 V micro controller unit (MCU) using a 16-bit serial peripheral interface (SPI) protocol.
SPI serial clock frequencies up to 8.0 MHz may be used when programming and reading output status information (production
tested at 1.0 MHz). Figure 16 illustrates the SPI configuration between an MCU and one 33813.
Data is sent to the 33813 device through the SI input pin. As data is being clocked into the SI pin, other data is being clocked out
of the device by the SO output pin. The response data received by the MCU during SPI communication depends on the previous
SPI message sent to the device. The SPI can be used to read or write data to the configuration and control registers and to read
or write the data contained in the status registers.
The MCU is only allowed to read or clear bits (write zeros) in the status register unless the POST enable bit in the control register
is set. When the POST enable bit is set the MCU can read and write zeros or ones to the status register.
Note that the MCU must clear the POST enable bit before operation is resumed or the status register will not be updated with
fault indications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com