Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33813 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33813
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33813 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33813 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
4
33813
2
Internal Block Diagram
Figure 2. Simplified Internal Block Diagram
Oscillator
INJIN1
VPP
VPWR
IGNIN1
SO
SI
SCLK
CSB
VCC
LOGIC CONTROL
SPI INTERFACE
Gate Control
Current Limit
Temperature Limit
Short/Open
(1 of 6 shown)
+
RS
lLimit
VClamp
–
Typical of all 6 Driver Outputs
75 µA
INJOUT1
VPPREF
Bandgap
PARALLEL
CONTROL
Under-voltage
POR,
V10.0 Analog
V2.5 Logic
Bias
VRSN
VPPSENS
VRS CIRCUIT
VRSOUT
ROUT2
ISO9141
CONTROLLER
MRX
MTX
LAMPOUT
O2HOUT
VCC
RESETB
KEYSW
START LOGIC
ISO9141
VCC
Ignition 1
IGNOUT1
Pre-drivers
IGNFB1
O2HFB
O2 Heater
GND
O2HIN
INJGND1
INJGND2
TACHOUT
To TACHOUT Driver
VPROT
To ROUT2
Watchdog
(SPI CONTROL)
ROUT1
VCC
Pre-
Regulator
Over-voltage
Tracking
+5.0 V
Regulator
+5.0 V
VPWR
VAnalog
VLogic
BATSW
Parallel Control
SPI Control
Driver
+
–
+
–
lLimit
lLimit
O2HSENSP
IGNSENSP
IGNSENSN
O2HSENSN
To Logic
Control
To Logic
Control
RIN1
RIN2
Note: All current sinks and sources ~50µA except where indicated
Regulator
& REGISTERS
RGND1
RGND2
Divide by “N”
N=1-32
Divider
(SPI)
VCC
SLEEP/RUN
VRSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com