Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2210 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP2210
Description  USB-to-SPI Protocol Converter with GPIO (Master Mode)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2210 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP2210 Datasheet HTML 29Page - Microchip Technology MCP2210 Datasheet HTML 30Page - Microchip Technology MCP2210 Datasheet HTML 31Page - Microchip Technology MCP2210 Datasheet HTML 32Page - Microchip Technology MCP2210 Datasheet HTML 33Page - Microchip Technology MCP2210 Datasheet HTML 34Page - Microchip Technology MCP2210 Datasheet HTML 35Page - Microchip Technology MCP2210 Datasheet HTML 36Page - Microchip Technology MCP2210 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
 2011 Microchip Technology Inc.
DS22288A-page 33
MCP2210
FIGURE 3-11:
SEND ACCESS PASSWORD LOGIC FLOW
TABLE 3-31:
RESPONSE 4 STRUCTURE
Byte
Index
Meaning
00x70 – SEND ACCESS Password – echos back the given command code
10xFB – Access Not Allowed – Chip conditional access is on, the password does not match and the
number of attempts is above the accepted threshold of 5. The Access Password mechanism is
temporarily blocked and no further password access will be accepted until the next power-up.
2
Don’t Care
3-63
Don’t Care
TABLE 3-32:
RESPONSE 5 STRUCTURE
Byte
Index
Meaning
00x70 – SEND ACCESS Password – echos back the given command code
10x00 – Command Completed Successfully – Chip conditional access is on, the supplied password is
matching the one stored in the chip’s NVRAM.
2
Don’t Care
3-63
Don’t Care
Send Access
Password
FALSE
TRUE
FALSE
FALSE
FALSE
TRUE
TRUE
TRUE
Response 1
Response 2
Response 4
Response 3
Response 5
Chip Settings
Protected
Chip Settings
Not Protected
Access Granted
Permanent Lock
Password
Protected
Password
Attempts
< 5
Password
Matched
Access Granted
Chip Access Rejected
Chip Access Rejected
Chip Access Rejected
Increment
the Number of Attempts
Temporarily
Chip Access Lock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com