Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2210 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP2210
Description  USB-to-SPI Protocol Converter with GPIO (Master Mode)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2210 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP2210 Datasheet HTML 14Page - Microchip Technology MCP2210 Datasheet HTML 15Page - Microchip Technology MCP2210 Datasheet HTML 16Page - Microchip Technology MCP2210 Datasheet HTML 17Page - Microchip Technology MCP2210 Datasheet HTML 18Page - Microchip Technology MCP2210 Datasheet HTML 19Page - Microchip Technology MCP2210 Datasheet HTML 20Page - Microchip Technology MCP2210 Datasheet HTML 21Page - Microchip Technology MCP2210 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
MCP2210
DS22288A-page 18
 2011 Microchip Technology Inc.
3.1.3
SET USB POWER-UP KEY PARAMETERS
3.1.3.1
Responses
TABLE 3-8:
COMMAND STRUCTURE
Byte
Index
Meaning
0
0x60 – Set Chip NVRAM Parameters – command code
1
0x30 – Set USB Power-up Key Parameters – sub-command code
2
0x00 – Reserved
3
0x00 – Reserved
4
VID – 16-bit value (low byte)
5
VID – 16-bit value (high byte)
6
PID – 16-bit value (low byte)
7
VID – 16-bit value (high byte)
8
Chip Power Option (as per USB specs – Chapter 9)
• Bit 7 – Host Powered (1 = yes; 0 = no)
• Bit 6 – Self Powered (1 = yes; 0 = no)
• Bit 5 – Remote Wake-up Capable
• Bit 4 – Reserved – fill with 0
• Bit 3 – Reserved – fill with 0
• Bit 2 – Reserved – fill with 0
• Bit 1 – Reserved – fill with 0
• Bit 0 – Reserved – fill with 0
Note:
Only bit 6 or bit 7 should be set, not both.
9
Requested Current Amount from USB Host (quanta of 2 mA)
Example: For 100 mA fill this byte index with 50 (in decimal) or 0x32.
10-63
Reserved – fill with 0x00
TABLE 3-9:
RESPONSE 1 STRUCTURE
Byte
Index
Meaning
00x60 – Set Chip NVRAM Parameters – echo back the given command code
10xFB – Blocked Access – The provided password is not matching the one stored in the chip or the
settings are permanently locked.
2-63
Don’t Care
TABLE 3-10:
RESPONSE 2 STRUCTURE
Byte
Index
Meaning
00x60 – Set Chip NVRAM Parameters – echo back the given command code
10x00 – Command Completed Successfully – Settings written
20x30 – Sub-command Echoed Back for Set USB Power-up Key Parameters code
3-63
Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com