Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2210 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP2210
Description  USB-to-SPI Protocol Converter with GPIO (Master Mode)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2210 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP2210 Datasheet HTML 2Page - Microchip Technology MCP2210 Datasheet HTML 3Page - Microchip Technology MCP2210 Datasheet HTML 4Page - Microchip Technology MCP2210 Datasheet HTML 5Page - Microchip Technology MCP2210 Datasheet HTML 6Page - Microchip Technology MCP2210 Datasheet HTML 7Page - Microchip Technology MCP2210 Datasheet HTML 8Page - Microchip Technology MCP2210 Datasheet HTML 9Page - Microchip Technology MCP2210 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
MCP2210
DS22288A-page 6
 2011 Microchip Technology Inc.
In order to meet the inrush current requirements of the
USB 2.0 specifications, the total effective capacitance
appearing across VBUS and ground must be no more
than 10 µF. If it is more than 10 µF, some kind of inrush
limiting is required. For more details on Inrush Current
Limiting, see the current Universal Serial Bus Specifi-
cation.
According to the USB 2.0 specification, all USB devices
must also support a Low-Power Suspend mode. In the
USB Suspend mode, devices must consume no more
than 500 µA (or 2.5 mA for high powered devices that
are remote wake-up capable) from the 5V VBUS line of
the USB cable.
The host signals the USB device to enter Suspend
mode by stopping all USB traffic to that device for more
than 3 ms.
The USB bus provides a 5V voltage. However, the USB
transceiver requires 3.3V for the signaling (on D+ and
D- lines).
During USB Suspend mode, the D+ or D- pull-up resis-
tor must remain active, which will consume some of the
allowed suspend current budget (500 µA/2.5 mA).
The VUSB pin is required to have an external bypass
capacitor. It is recommended that the capacitor be a
ceramic cap, between 0.22 and 0.47 µF.
Figure 1-3 shows a circuit where the MCP2210 internal
LDO is used to provide 3.3V to the USB transceiver.
The voltage on the VDD affects the voltage levels onto
the GP and SPI module pins (GP8-GP0, MOSI, MISO
and SCK). With VDD at 5V, these pins will have a logic
‘1’ of 5V with the variations specified in Section 4.1
“DC Characteristics”.
FIGURE 1-3:
TYPICAL POWER SUPPLY
OPTION USING THE 5V
PROVIDED BY THE USB
1.5.2.3
3.3V – Self Powered
Typically, many embedded applications are using 3.3V
or lower power supplies. When such an option is avail-
able in the target system, MCP2210 can be powered
up (VDD) from the existing power supply rail. The typi-
cal connections for MCP2210 powered from 3.3V rail
are shown in Figure 1-4.
In this example MCP2210 has both VDD and VUSB lines
tied to the 3.3V rail. These tied connections disable the
internal USB transceiver LDO of the MCP2210 to
regulate the power supply on VUSB pin. Another
consequence is that the ‘1’ logical level on the GP and
SPI pins will be at the 3.3V level, in accordance with the
variations
specified
in
Section 4.1
“DC
Characteristics”.
FIGURE 1-4:
USING AN EXTERNALLY
PROVIDED 3.3V POWER
SUPPLY
LDO
3.3V
USB
Transceiver
D+
VDD
VUSB
D-
IN
OUT
5V (USB Bus)
or external
power supply
LDO
3.3V
D+
VDD
VUSB
D-
IN
OUT
5V (USB Bus)
or external
power supply
External
USB
Transceiver
3.3V
LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com