Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2210 Datasheet(PDF) 63 Page - Microchip Technology

Part # MCP2210
Description  USB-to-SPI Protocol Converter with GPIO (Master Mode)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2210 Datasheet(HTML) 63 Page - Microchip Technology

Back Button MCP2210 Datasheet HTML 59Page - Microchip Technology MCP2210 Datasheet HTML 60Page - Microchip Technology MCP2210 Datasheet HTML 61Page - Microchip Technology MCP2210 Datasheet HTML 62Page - Microchip Technology MCP2210 Datasheet HTML 63Page - Microchip Technology MCP2210 Datasheet HTML 64Page - Microchip Technology MCP2210 Datasheet HTML 65Page - Microchip Technology MCP2210 Datasheet HTML 66Page - Microchip Technology MCP2210 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
 2011 Microchip Technology Inc.
DS22288A-page 63
MCP2210
4.1
DC CHARACTERISTICS
DC Characteristics
Operating Conditions (unless otherwise indicated):
3.0V
VDD  5.5V at -40C  TA  +85C (I-Temp)
Param
No.
Characteristic
Sym
Min
Typ
Max
Units
Conditions
D001 Supply Voltage
VDD
3.3
—
5.5
V
Power-on Reset Release
Voltage
VPOR
1.6
V
Power-on Reset Rearm
Voltage
0.8
V
D003 VDD Rise Rate to Ensure
Power-on Reset
SVDD
0.05
—
—
V/ms Design guidance only
Not tested
D004 Supply Current
IDD
VDD = 3.0V
—
10
12
mA
FOSC = 12 MHz,
(330 nF on VUSB)
VDD = 5.0V
—
13
15
mA
D005 Standby current
IDDS
—9
—
µA
Input Low Voltage
D031 Schmitt Trigger
(GP0–3, 6–8, MOSI, MISO,
SCK)
VIL
——
0.2 VDD
V
3.0V
VDD  5.5V
TTL (GP4, GP5)
—
—
0.8
4.5V
VDD  5.5V
Input High Voltage
D041 Schmitt Trigger
(GP0–3, 6–8, MOSI, MISO,
SCK)
VIH
0.8 VDD
—VDD
V
3.0V
VDD  5.5V
TTL (GP4, GP5)
2.0
—
VDD
4.5V
VDD  5.5V
Input Leakage Current
D060
GP0–8, MOSI, MISO, SCK
IIL
—±50
±100
nA
VSS
VPIN VDD,
pin at Hi-Z
RST
±50
±200
OSC1
±50
±100
Output Low Voltage
D080 GP0–8, MOSI, MISO, SCK
VOL
——
0.6
V
IOL = 8.0 mA, VDD = 5.0V
——
0.6
IOL = 6.0 mA, VDD = 3.3V
Output High Voltage
D090 GP0–8, MOSI, MISO, SCK
VOH
VDD – 0.7
—
—
V
IOH = -3.5 mA, VDD = 5.0V
VDD – 0.7
—
—
IOH = -3.0 mA, VDD = 3.3V
Capacitive Loading Specs on Output Pins
D101 OSC2
COSC2
——
15
pF
Note 1
D102 GP0–8, MOSI, MISO, SCK
CIO
——
50
pF
Note 1
Note 1: This parameter is characterized, but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com