Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6474 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6474
Description  easySPIN ??fully integrated microstepping motor driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6474 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6474 Datasheet HTML 11Page - STMicroelectronics L6474 Datasheet HTML 12Page - STMicroelectronics L6474 Datasheet HTML 13Page - STMicroelectronics L6474 Datasheet HTML 14Page - STMicroelectronics L6474 Datasheet HTML 15Page - STMicroelectronics L6474 Datasheet HTML 16Page - STMicroelectronics L6474 Datasheet HTML 17Page - STMicroelectronics L6474 Datasheet HTML 18Page - STMicroelectronics L6474 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
L6474
Pin connection
Doc ID 022529 Rev 2
15/51
4.1
Pin list
Table 6.
Pin description
N.
Name
Type
Function
17
VDD
Power
Logic outputs supply voltage (pull-up reference)
6
VREG
Power
Internal 3 V voltage regulator output and 3.3 V external logic
supply
7
OSCIN
Analog input
Oscillator pin 1. To connect an external oscillator or clock source.
If this pin is unused, it should be left floating.
8
OSCOUT
Analog output
Oscillator pin 2. To connect an external oscillator. When the
internal oscillator is used this pin can supply 2/4/8/16 MHz. If this
pin is unused, it should be left floating.
10
CP
Output
Charge pump oscillator output
11
VBOOT
Supply voltage
Bootstrap voltage needed for driving the high side power DMOS of
both bridges (A and B)
5
ADCIN
Analog input
Internal analog to digital converter input
2
VSA
Power supply
Full bridge A power supply pin. It must be connected to VSB
26
12
VSB
Power supply
Full bridge B power supply pin. It must be connected to VSA
16
27
PGND
Ground
Power ground pin
13
1
OUT1A
Power output
Full bridge A output 1
28
OUT2A
Power output
Full bridge A output 2
14
OUT1B
Power output
Full bridge B output 1
15
OUT2B
Power output
Full bridge B output 2
9
AGND
Ground
Analog ground
4
DIR
Logical input
Direction input
21
DGND
Ground
Digital ground
22
SYNC
Open drain output
Synchronization signal.
18
SDO
Logic output
Data output pin for serial interface
20
SDI
Logic input
Data input pin for serial interface
19
CK
Logic input
Serial interface clock
23
CS
Logic input
Chip select input pin for serial interface
24
FLAG
Open drain output
Status flag pin. An internal open drain transistor can pull the pin to
GND when a programmed alarm condition occurs (step loss,
OCD, thermal pre-warning or shutdown, UVLO, wrong command,
non performable command)
3
STBY\RST
Logic input
Standby and reset pin. LOW logic level resets the logic and puts
the device into standby mode. If not used, should be connected to
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com