Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6474 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L6474
Description  easySPIN ??fully integrated microstepping motor driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6474 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L6474 Datasheet HTML 38Page - STMicroelectronics L6474 Datasheet HTML 39Page - STMicroelectronics L6474 Datasheet HTML 40Page - STMicroelectronics L6474 Datasheet HTML 41Page - STMicroelectronics L6474 Datasheet HTML 42Page - STMicroelectronics L6474 Datasheet HTML 43Page - STMicroelectronics L6474 Datasheet HTML 44Page - STMicroelectronics L6474 Datasheet HTML 45Page - STMicroelectronics L6474 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
Programming manual
L6474
42/51
Doc ID 022529 Rev 2
The UVLO flag is active low and is set by an undervoltage lock-out or reset events (power-
up included). The TH_WRN, TH_SD, OCD flags are active low and indicate, respectively,
thermal warning, thermal shutdown and overcurrent detection events.
The NOTPERF_CMD and WRONG_CMD flags are active high and indicate, respectively,
that the command received by SPI can't be performed or does not exist at all.
The UVLO, TH_WRN, TH_SD, OCD, NOTPERF_CMD and WRONG_CMD flags are
latched: when the respective conditions make them active (low or high), they remain in that
state until a GetStatus command is sent to the IC.
The DIR bit indicates the current motor direction:
Any attempt to write to the register causes the command to be ignored and the
NOTPERF_CMD to rise (see paragraph 9.1.13).
9.2
Application commands
The commands summary is given in Table 30.
9.2.1
Command management
The host microcontroller can control motor motion and configure the L6474 through a
complete set of commands.
All commands are composed of a single byte. After the command byte, some bytes of
arguments should be needed (see Figure 15). Argument length can vary from 1 to 3 bytes.
Table 29.
STATUS register DIR bit
DIR
Motor direction
1
Forward
0
Reverse
Table 30.
Application commands
Command Mnemonic
Command binary code
Action
[7..5]
[4]
[3]
[2..1]
[0]
NOP
000
0
0
00
0
Nothing
SetParam(PARAM,VALUE)
000
[PARAM]
Writes VALUE in PARAM register
Enable
101
1
1
00
0
Enable the power stage
Disable
101
0
1
00
0
Puts the bridges in High Impedance status
immediately
GetStatus
110
1
0
00
0
Returns the status register value
RESERVED
111
0
1
01
1
RESERVED COMMAND
RESERVED
111
1
1
00
0
RESERVED COMMAND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com