Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6474 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L6474
Description  easySPIN ??fully integrated microstepping motor driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6474 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L6474 Datasheet HTML 30Page - STMicroelectronics L6474 Datasheet HTML 31Page - STMicroelectronics L6474 Datasheet HTML 32Page - STMicroelectronics L6474 Datasheet HTML 33Page - STMicroelectronics L6474 Datasheet HTML 34Page - STMicroelectronics L6474 Datasheet HTML 35Page - STMicroelectronics L6474 Datasheet HTML 36Page - STMicroelectronics L6474 Datasheet HTML 37Page - STMicroelectronics L6474 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
Programming manual
L6474
34/51
Doc ID 022529 Rev 2
9.1.5
T_FAST
The T_FAST register contains the maximum fast decay time (TOFF_FAST) and the
maximum fall step time (FALL_STEP) used by the current control system (see Sections 7.2
and 7.3 for details):
Table 12.
T_FAST register
The available range for both parameters is from 0.5 µs to 8 µs.
Any attempt to write to the register when the outputs are enabled causes the command to
be ignored and the NOTPERF_CMD to rise (see Section 9.1.13).
9.1.6
TON_MIN
The TON_MIN register contains the minimum ON time value used by the current control
system (see Section 7.2).
The available range for both parameters is from 0.5 µs to 64 µs.
Table 11.
Torque regulation register
TVAL [6..0]
Output current amplitude
0
0
0
0
0
0
0
31.25 mA
0
0
0
0
0
0
1
62.5 mA
1
1
1
1
1
1
0
3.969 A
1
1
1
1
1
1
1
4 A
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TOFF_FAST
FAST_STEP
Table 13.
Maximum fast decay times
TOFF_FAST [3..0]
FAST_STEP[3..0]
Fast decay time
0
0
0
0
0.5 µs
0
0
0
1
1 µs
1
1
1
0
7.5 µs
1
1
1
1
8 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com