Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSD100 Datasheet(PDF) 46 Page - Cooper Bussmann, Inc.

Part # OSD100
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

OSD100 Datasheet(HTML) 46 Page - Cooper Bussmann, Inc.

Back Button OSD100 Datasheet HTML 42Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 43Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 44Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 45Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 46Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 47Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 48Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 49Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 50Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Medium Voltage Fuses and Isolators
Fuses for Voltage and Transformer
Auxiliary Fuses
Specifications
Description:
Medium Voltage fuses with low current
values, which allow for the associated system to be isolated
in the event of a fault in the transformer circuit.
Ratings:
Applications:
For use in the voltage transformer primary
circuit and in transformer auxiliary elements, etc.
Standards and Approvals:
BS2692-1, IEC 60282-1
Dimensions:
Cylindrical body fuses with various length
and diameter dimensions
Volts: - 1 to 36kV ac
Amps: - 2 - 10A
IR - 25 - 50kA
Other MV Fuses
DIN Fuses
Specifications
Description:
Complete range of fuses (back-up, full
range), and also motor protection.
Ratings:
Dimensions:
DIN 43625, EN IEC 60782-1, VDE 0670-4
Oil Fuses
Specifications
Description:
Fuses for use in oil-insulated isolators and
circuit breakers. Fuses fitted with a pyrotechnic plunger.
Ratings:
Dimensions:
BS 2692-1, ESI 12-8, EN IEC 60292-1
Starter Motor Fuses
Specifications
Description:
Fuses to provide protection against short-
circuit in motor and engine circuits.
Ratings:
Dimensions:
Conform to British Standards, Standards UL
and IEC DIN 43625
Volts: - 3.6 to 24kV ac
Amps: - 6.3 to 250A
Volts: - 3.6 to 7.2kV ac
Amps: - 5 to 400A
Volts: - 12 to 36kV ac
Amps: - 6.3 to 160A
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com