Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSD100 Datasheet(PDF) 41 Page - Cooper Bussmann, Inc.

Part # OSD100
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

OSD100 Datasheet(HTML) 41 Page - Cooper Bussmann, Inc.

Back Button OSD100 Datasheet HTML 37Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 38Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 39Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 40Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 41Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 42Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 43Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 44Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 45Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
DO Fuses
Class gG
400V / 2 - 100A
Sizes D01, D02, D03
Specifications
Description:
DO fuses, gG range,
for industrial and domestic protec-
tion. All the fuses incorporate a
visual display of fuse actuation. Additional range of fuse
holders and accesories.
Ratings:
Applications:
Protection of electrical distribution circuits,
cables and electrical apparatus (with the exception of
motors).
Standards and Approvals:
IEC 60269, VDE 0636,
Dimensions
Volts: - 690V ac
Amps: - 160 - 1600A
IR - 50kA - 400V ac
Catalogue Numbers
Size
Current
(A)
Colour
Code
Part Ref
Voltage
(V)
Disconnection
Power
(kA)
Unit
Packing
DO1
2
4
6
10
16
Pink
Brown
Green
Red
Grey
2NZ01
4NZ01
6NZ01
10NZ01
16NZ01
400V
100kA
10
DO2
20
25
35
50
63
Blue
Yellow
White
Black
Copper
20NZ02
25NZ02
35NZ02
50NZ02
63NZ02
400V
100kA
10
DO3
80
100
Silver
Red
80NZ03
100NZ03
400V
100kA
10
D01
D02
D03
In(A)
A
2
7.3
4
7.3
6
7.3
10
8.5
16
9.7
In(A)
A
20
10.9
25
12.1
35
13.3
50
14.5
63
15.9
In(A)
A
80
21.4
100
21.4
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com