Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSD100 Datasheet(PDF) 47 Page - Cooper Bussmann, Inc.

Part # OSD100
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

OSD100 Datasheet(HTML) 47 Page - Cooper Bussmann, Inc.

Back Button OSD100 Datasheet HTML 43Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 44Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 45Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 46Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 47Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 48Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 49Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 50Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 51Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Ultra Fast Fuses and Holders
British Standard Fuses and Holders
Specifications
Description:
Standard British ultra-fast fuses. Possibility of
adapting side indicators and auxiliary micro-switch as
accessories.
Ratings:
Applications:
Protection of semiconductors, UPS (ASI),
rectifiers, static relays, converters etc
Standards and Approvals:
Conform to standards BS88-
4, EN IEC 60269-5, UL recognized
Dimensions:
Various fuses sizes in single or double cylin-
drical body
Volts: - 240 - 690V ac / 150 to 500V dc
Amps: - 6 - 900A
IR - 200ka RMS Sym
North American Standard Fuses and
Holders
Specifications
Description:
Standard North American ultra-fast fuses.
Fuse actuation display available on external and internal
versions.
Limited range of fuse bases
Ratings:
Applications:
Protection of semiconductors, UPS (ASI),
rectifiers, static relays, converters, etc.
Standards and Approvals:
UL Recognised, CSA,
Component Acceptance
Dimensions:
There are no standard dimensions with these
types of fuses.
Volts: - 130 to 1000V ac / 130 to 800V dc
Amps: - 1 to 4000A
IR - 200kA RMS Sym
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com