Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSD100 Datasheet(PDF) 26 Page - Cooper Bussmann, Inc.

Part # OSD100
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

OSD100 Datasheet(HTML) 26 Page - Cooper Bussmann, Inc.

Back Button OSD100 Datasheet HTML 22Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 23Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 24Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 25Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 26Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 27Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 28Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 29Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 30Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
CHM
690V / 25 - 32A
Sizes: 8x31, 10x38
Specifications
Description:
Fuse Holder for
cylindrical industrial fuses. Secured to
DIN rail and available with and without light indicator for
active fuse function. Range as multi-pole and single-pole
plus neutral fuse holders in one module. Accessories for
the assembly of modules.
Ratings:
Applications:
Protection of industrial electrical
distribution circuits and electrical appliances
Agency Information:
EN IEC 60269-3, EN IEC 60947
Dimensions
Cylindrical Industrial Fuses
Volts: - 690V ac
Amps: - 25 - 32A
Catalogue Numbers
Size
Poles
No of
Modules
References
without
Indicator
References
with
Indicator
Current
(A)
Voltage
(V)
Unit
Packing
8 x 31
Neutral
1
CHMDNX
-
25A
690V
12
1P
1
CH081D
CH081DI
12
1P + N
1
CH081DNS CH081DNSI
12
1P + N
2
CH081DN
CH081DNI
6
2P
2
CH082D
CH082DI
6
3P
3
CH083D
CH083DI
4
3P + N
3
CH083DNS CH083DNSI
4
3P + N
4
CH083DN
CH083DNI
3
4P
4
CH084D
CH084DI
3
10 x 38
Neutral
1
CHMDNX
-
32A
690V
12
1P
1
CHM1D
CHM1DI
12
1P + N
1
CHM1DNS CHM1DNSI
12
1P + N
2
CHM1DN
CHM1DNI
6
2P
2
CHM2D
CHM2DI
6
3P
3
CHM3D
CHM3DI
4
3P + N
3
CHM3DNS CHM3DNSI
4
3P + N
4
CHM3DN
CHM3DNI
3
4P
4
CHM4D
CHM4DI
3
Description
Size
References
Unit
Packing
Clips for assembly of multi-pole fuse
holders
8 x 31 - 10 x 38 -
14 x 51 - 22 x 58
AL-D
12
Multi phase handle pin connector
8 x 31 - 10 x 38
CH810-HP
12
Catalogue Number
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com