Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVTH162240IDGGREP Datasheet(PDF) 2 Page - Texas Instruments

Part # CLVTH162240IDGGREP
Description  3.3-V ABT 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVTH162240IDGGREP Datasheet(HTML) 2 Page - Texas Instruments

  CLVTH162240IDGGREP Datasheet HTML 1Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 2Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 3Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 4Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 5Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 6Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 7Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 8Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SN74LVTH162240EP
3.3V ABT 16BIT BUFFER/DRIVER
WITH 3STATE OUTPUTS
SCBS780 − NOVEMBER 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
The outputs, which are designed to source or sink up to 12 mA, include equivalent 22-
Ω series resistors to
reduce overshoot and undershoot.
When VCC is between 0 and 1.5 V, the device is in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 1.5 V, OE should be tied to VCC through a pullup resistor;
the minimum value of the resistor is determined by the current-sinking capability of the driver.
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
This device is fully specified for hot-insertion applications using Ioff and power-up 3-state. The Ioff circuitry
disables the outputs, preventing damaging current backflow through the device when it is powered down. The
power-up 3-state circuitry places the outputs in the high-impedance state during power up and power down,
which prevents driver conflict.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 85°C
TSSOP − DGG
Tape and reel
CLVTH162240IDGGREP
LH162240EP
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
(each 4-bit buffer)
INPUTS
OUTPUT
OE
A
OUTPUT
Y
L
H
L
L
LH
H
X
Z



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com