Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVTH162240IDGGREP Datasheet(PDF) 1 Page - Texas Instruments

Part # CLVTH162240IDGGREP
Description  3.3-V ABT 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVTH162240IDGGREP Datasheet(HTML) 1 Page - Texas Instruments

  CLVTH162240IDGGREP Datasheet HTML 1Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 2Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 3Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 4Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 5Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 6Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 7Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 8Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN74LVTH162240EP
3.3V ABT 16BIT BUFFER/DRIVER
WITH 3STATE OUTPUTS
SCBS780 − NOVEMBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product-Change Notification
D Qualification Pedigree†
D Member of the Texas Instruments
Widebus
 Family
D State-of-the-Art Advanced BiCMOS
Technology (ABT) Design for 3.3-V
Operation and Low Static-Power
Dissipation
D Output Ports Have Equivalent 22-Ω Series
Resistors, So No External Resistors Are
Required
D Supports Mixed-Mode Signal Operation
(5-V Input and Output Voltages With 3.3-V
VCC)
D Supports Unregulated Battery Operation
Down To 2.7 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Ioff and Power-Up 3-State Support Hot
Insertion
D Bus Hold on Data Inputs Eliminates the
Need for External Pullup/Pulldown
Resistors
D Distributed VCC and GND Pins Minimize
High-Speed Switching Noise
† Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
D Flow-Through Architecture Optimizes PCB
Layout
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
description/ordering information
The SN74LVTH162240 is a 16-bit buffer/driver designed specifically for low-voltage (3.3-V) VCC operation and
to improve both the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented
receivers and transmitters. It has the capability to provide a TTL interface to a 5-V system environment.
This device can be used as four 4-bit buffers, two 8-bit buffers, or one 16-bit buffer and provide inverting outputs
and symmetrical active-low output-enable (OE) inputs.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Y1
1Y2
GND
1Y3
1Y4
VCC
2Y1
2Y2
GND
2Y3
2Y4
3Y1
3Y2
GND
3Y3
3Y4
VCC
4Y1
4Y2
GND
4Y3
4Y4
4OE
2OE
1A1
1A2
GND
1A3
1A4
VCC
2A1
2A2
GND
2A3
2A4
3A1
3A2
GND
3A3
3A4
VCC
4A1
4A2
GND
4A3
4A4
3OE
DGG PACKAGE
(TOP VIEW)


Similar Part No. - CLVTH162240IDGGREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLVTH162244IDGGREP TI1-CLVTH162244IDGGREP Datasheet
298Kb / 10P
3.3-V ABT 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
CLVTH162245IDGGREP TI1-CLVTH162245IDGGREP Datasheet
348Kb / 12P
3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CLVTH162245MDLREP TI1-CLVTH162245MDLREP Datasheet
348Kb / 12P
3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CLVTH162240IDGGREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT32240 TI-SN74LVT32240 Datasheet
203Kb / 9P
3.3-V ABT 32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH32244 TI-SN74LVTH32244 Datasheet
234Kb / 11P
3.3-V ABT 32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT32244 TI-SN74LVT32244 Datasheet
244Kb / 11P
3.3-V ABT 32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT32244 TI-SN74LVT32244_07 Datasheet
383Kb / 13P
3.3-V ABT 32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT244B TI-SN74LVT244B_10 Datasheet
650Kb / 17P
3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH240-EP TI1-SN74LVTH240-EP Datasheet
433Kb / 9P
3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH16240-EP TI1-SN74LVTH16240-EP Datasheet
308Kb / 11P
3.3-V ABT 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH16244A-EP TI1-SN74LVTH16244A-EP Datasheet
575Kb / 15P
3.3-V ABT 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH32244-EP TI1-SN74LVTH32244-EP Datasheet
388Kb / 13P
3.3-V ABT 32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH162244-EP TI1-SN74LVTH162244-EP Datasheet
298Kb / 10P
3.3-V ABT 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com