Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVTH162240IDGGREP Datasheet(PDF) 4 Page - Texas Instruments

Part # CLVTH162240IDGGREP
Description  3.3-V ABT 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVTH162240IDGGREP Datasheet(HTML) 4 Page - Texas Instruments

  CLVTH162240IDGGREP Datasheet HTML 1Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 2Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 3Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 4Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 5Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 6Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 7Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 8Page - Texas Instruments CLVTH162240IDGGREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN74LVTH162240EP
3.3V ABT 16BIT BUFFER/DRIVER
WITH 3STATE OUTPUTS
SCBS780 − NOVEMBER 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
VCC
Supply voltage
2.7
3.6
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
5.5
V
IOH
High-level output current
−12
mA
IOL
Low-level output current
12
mA
∆t/∆v
Input transition rise or fall rate
Outputs enabled
10
ns/V
∆t/∆VCC
Power-up ramp rate
200
µs/V
TA
Operating free-air temperature
−40
85
°C
NOTE 4: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 2.7 V,
II = −18 mA
−1.2
V
VOH
VCC = 3 V,
IOH = −12 mA
2
V
VOL
VCC = 3 V,
IOL = 12 mA
0.8
V
VCC = 0 or 3.6 V,
VI = 5.5 V
10
II
Control inputs
VCC = 3.6 V,
VI = VCC or GND
±1
A
II
Data inputs
VCC = 3.6 V
VI = VCC
1
µA
Data inputs
VCC = 3.6 V
VI = 0
−5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±100
µA
VCC = 3 V
VI = 0.8 V
75
II(hold)
Data inputs
VCC = 3 V
VI = 2 V
−75
µA
II(hold)
Data inputs
VCC = 3.6 V‡,
VI = 0 to 3.6 V
500
−750
µA
IOZH
VCC = 3.6 V,
VO = 3 V
5
µA
IOZL
VCC = 3.6 V,
VO = 0.5 V
−5
µA
IOZPU
VCC = 0 to 1.5 V, VO = 0.5 V to 3 V, OE = don’t care
±100
µA
IOZPD
VCC = 1.5 V to 0, VO = 0.5 V to 3 V, OE = don’t care
±100
µA
Outputs high
0.19
ICC
VCC = 3.6 V, IO = 0, VI = VCC or GND
Outputs low
5
mA
ICC
VCC = 3.6 V, IO = 0, VI = VCC or GND
Outputs disabled
0.19
mA
∆ICC§
VCC = 3 V to 3.6 V, One input at VCC − 0.6 V, Other inputs at VCC or GND
0.2
mA
Ci
VI = 3 V or 0
4
pF
Co
VO = 3 V or 0
9
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to another.
§ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com