| Electronic Components Datasheet Search |
|
SN8A1702AX Datasheet(PDF) 81 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8A1702AX Datasheet(HTML) 81 Page - SONiX Technology Company |
|
81 / 145 page ![]() SN8P1700 8-bit micro-controller build-in 12-bit ADC SONiX TECHNOLOGY CO., LTD Page 81 Revision 1.94 TIMER COUNTER 1 (TC1) OVERVIEW The timer counter 1 (TC1) is used to generate an interrupt request when a specified time interval has elapsed. TC1 has a auto re-loadable counter that consists of two parts: an 8-bit reload register (TC1R) into which you write the counter reference value, and an 8-bit counter register (TC1C) whose value is automatically incremented by counter logic. Figure 8-6. Timer Count TC1 Block Diagram The main purposes of the TC1 timer is as following. 8-bit programmable timer: Generates interrupts at specific time intervals based on the selected clock frequency. Arbitrary frequency output (Buzzer output): Outputs selectable clock frequencies to the BZ1 pin (P5.3). PWM function: PWM output can be generated by the PWM1OUT bit and output to PWM1OUT pin (P5.3). CPUM0 TC1R reload data buffer TC1enb TC1C 8-bit binary counter TC1 Time out load Aload1 Auto. reload P5.3 ÷2 TC1out Internal P5.3 I/O circuit S R Compare PWM1OUT PWM Buzzer ÷2(8-TC1Rate) fcpu CPUM0 TC1R reload data buffer TC1enb TC1C 8-bit binary counter TC1 Time out load Aload1 Auto. reload P5.3 ÷2 TC1out Internal P5.3 I/O circuit S R Compare PWM1OUT PWM Buzzer ÷2(8-TC1Rate) fcpu |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |