| Electronic Components Datasheet Search |
|
SN8A1702AX Datasheet(PDF) 37 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8A1702AX Datasheet(HTML) 37 Page - SONiX Technology Company |
|
37 / 145 page ![]() SN8P1700 8-bit micro-controller build-in 12-bit ADC SONiX TECHNOLOGY CO., LTD Page 37 Revision 1.94 Y, Z REGISTERS The Y and Z registers are the 8-bit buffers. There are three major functions of these registers. First, Y and Z registers can be used as working registers. Second, these two registers can be used as data pointers for @YZ register. Third, the registers can be address ROM location in order to look-up ROM data. Y initial value = 0000 0000 084H Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Y YBIT7 YBIT6 YBIT5 YBIT4 YBIT3 YBIT2 YBIT1 YBIT0 R/W R/W R/W R/W R/W R/W R/W R/W Z initial value = 0000 0000 083H Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Z ZBIT7 ZBIT6 ZBIT5 ZBIT4 ZBIT3 ZBIT2 ZBIT1 ZBIT0 R/W R/W R/W R/W R/W R/W R/W R/W The @YZ that is data point_1 index buffer located at address E7H in RAM bank 0. It employs Y and Z registers to addressing RAM location in order to read/write data through ACC. The Lower 4-bit of Y register is pointed to RAM bank number and Z register is pointed to RAM address number, respectively. The higher 4-bit data of Y register is truncated in RAM indirectly access mode. Example: If want to read a data from RAM address 25H of bank 1, it can use indirectly addressing mode to access data as following. B0MOV Y, #01H ; To set RAM bank 1 for Y register B0MOV Z, #25H ; To set location 25H for Z register B0MOV A, @YZ ; To read a data into ACC Example: Clear general-purpose data memory area of bank 1 using @YZ register. MOV A, #1 B0MOV Y, A ; Y = 1, bank 1 MOV A, #07FH B0MOV Z, A ; Y = 7FH, the last address of the data memory area CLR_YZ_BUF: CLR @YZ ; Clear @YZ to be zero DECMS Z ; Y – 1, if Y= 0, finish the routine JMP CLR_YZ_BUF ; Not zero CLR @YZ END_CLR: ; End of clear general purpose data memory area of bank 0 . Note: Please consult the “LOOK-UP TABLE DESCRIPTION” about Y, Z register look-up table application. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |