Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8A1702AX Datasheet(PDF) 15 Page - SONiX Technology Company

Part # SN8A1702AX
Description  8-Bit Micro-Controller
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8A1702AX Datasheet(HTML) 15 Page - SONiX Technology Company

Back Button SN8A1702AX Datasheet HTML 11Page - SONiX Technology Company SN8A1702AX Datasheet HTML 12Page - SONiX Technology Company SN8A1702AX Datasheet HTML 13Page - SONiX Technology Company SN8A1702AX Datasheet HTML 14Page - SONiX Technology Company SN8A1702AX Datasheet HTML 15Page - SONiX Technology Company SN8A1702AX Datasheet HTML 16Page - SONiX Technology Company SN8A1702AX Datasheet HTML 17Page - SONiX Technology Company SN8A1702AX Datasheet HTML 18Page - SONiX Technology Company SN8A1702AX Datasheet HTML 19Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 145 page
background image
SN8P1700
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 15
Revision 1.94
SN8P1707/SN8P1708 FEATURES
♦
Memory configuration
♦
Seven interrupt sources
OTP ROM size: 4K * 16 bits.
Four internal interrupts: T0, TC0, TC1, SIO.
RAM size: 256 * 8 bits (bank 0 and bank 1).
Three external interrupts: INT0, INT1, INT2.
♦
I/O pin configuration (Total 33 pins)
♦
An 8-channel ADC with 8-bit/12-bit resolution.
Input only: P0
Bi-directional: P1, P2, P4, P5
♦
One channel DAC with 7-bit resolution.
Wakeup: P0, P1
Pull-up resisters: P0, P1, P2, P4, P5
External interrupt: P0
♦
SIO function.
P4 pins shared with ADC inputs.
♦
Two channel PWM output. (PWM0, PWM1)
♦
Two channel Buzzer output. (BZ0, BZ1)
♦
An 8-bit basic timer. (T0).
♦
Two 8-bit timer counters. (TC0, TC1).
♦
Dual clock system offers three operating modes
♦
On chip watchdog timer.
External high clock: RC type up to 10 MHz
♦
Eight levels stack buffer.
External high clock: Crystal type up to 16 MHz
Internal low clock: RC type 16KHz(3V), 32KHz(5V)
♦
60 powerful instructions
Normal mode: Both high and low clock active
Four clocks per instruction cycle
Slow mode: Low clock only
All of instructions are one word length.
Sleep mode: Both high and low clock stop
Most of instructions are one cycle only.
All ROM area lookup table function (MOVC)
Support hardware multiplier (MUL).
♦
Package (Chip form support)
QPF 44 pins (SN8P1707)
SSOP 48 pins (SN8P1708)
PDIP 48 pins (SN8P1708)
Notice:
1.
Declare “CHIP SN8P1707” for SN8P1707 in assembler.
2.
Declare “CHIP SN8P1708” for SN8P1708 in assembler.
3.
Use @SET_PUR macro to control pull-up resister. Refer I/O chapter for detailed information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com