Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2377 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2377
Description  5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2377 Datasheet(HTML) 2 Page - Texas Instruments

  OPA2377 Datasheet HTML 1Page - Texas Instruments OPA2377 Datasheet HTML 2Page - Texas Instruments OPA2377 Datasheet HTML 3Page - Texas Instruments OPA2377 Datasheet HTML 4Page - Texas Instruments OPA2377 Datasheet HTML 5Page - Texas Instruments OPA2377 Datasheet HTML 6Page - Texas Instruments OPA2377 Datasheet HTML 7Page - Texas Instruments OPA2377 Datasheet HTML 8Page - Texas Instruments OPA2377 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
OPA377
OPA2377
OPA4377
SBOS504B
– FEBRUARY 2010 – REVISED JANUARY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATING
(1)
Over operating free-air temperature range, unless otherwise noted.
OPA377, OPA2377, OPA4377
UNIT
Supply Voltage
VS = (V+) – (V–)
+7
V
Voltage(2)
(V
–) – 0.5 to (V+) + 0.5
V
Signal Input Terminals
Current(2)
±10
mA
Output Short-Circuit(3)
Continuous
Operating Temperature
TA
–40 to +150
°C
Storage Temperature
TA
–65 to +150
°C
Junction Temperature
TJ
+150
°C
Human Body Model
4000
V
ESD Rating
Charged Device Model
1000
V
Machine Model
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails should
be current limited to 10mA or less.
(3)
Short-circuit to ground, one amplifier per package.
PACKAGE INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
SC70-5
DCK
OP377A
OPA377
SOT23-5
DBV
OP377A
SO-8
D
OP377A
SO-8
D
O2377A
OPA2377
MSOP-8
DGK
OTAQ
OPA4377
TSSOP-14
PW
O4377A
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
2
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): OPA377 OPA2377 OPA4377



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com