Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2377 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2377
Description  5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2377 Datasheet(HTML) 4 Page - Texas Instruments

  OPA2377 Datasheet HTML 1Page - Texas Instruments OPA2377 Datasheet HTML 2Page - Texas Instruments OPA2377 Datasheet HTML 3Page - Texas Instruments OPA2377 Datasheet HTML 4Page - Texas Instruments OPA2377 Datasheet HTML 5Page - Texas Instruments OPA2377 Datasheet HTML 6Page - Texas Instruments OPA2377 Datasheet HTML 7Page - Texas Instruments OPA2377 Datasheet HTML 8Page - Texas Instruments OPA2377 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
1
2
3
5
4
V+
-IN
OUT
V-
+IN
1
2
3
4
8
7
6
5
NC
(1)
V+
OUT
NC
(1)
NC
(1)
-IN
+IN
V-
-
+
1
2
3
5
4
V+
OUT
+IN
V-
-IN
1
2
3
4
8
7
6
5
V+
OUTB
-INB
+INB
OUTA
-INA
+INA
V-
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUTD
-IND
+IND
V-
+INC
-INC
OUTC
OUTA
-INA
+INA
V+
+INB
-INB
OUTB
OPA377
OPA2377
OPA4377
SBOS504B
– FEBRUARY 2010 – REVISED JANUARY 2011
www.ti.com
PIN CONFIGURATIONS
OPA377
OPA377
SOT23-5
SO-8
(TOP VIEW)
(TOP VIEW)
OPA377
SC70-5
OPA2377
(TOP VIEW)
SO-8, MSOP-8
(TOP VIEW)
OPA4377
TSSOP-14
(TOP VIEW)
(1) NC denotes no internal connection.
(2) Connect thermal die to V
–.
4
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): OPA377 OPA2377 OPA4377



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com