Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2377 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2377
Description  5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2377 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA2377 Datasheet HTML 9Page - Texas Instruments OPA2377 Datasheet HTML 10Page - Texas Instruments OPA2377 Datasheet HTML 11Page - Texas Instruments OPA2377 Datasheet HTML 12Page - Texas Instruments OPA2377 Datasheet HTML 13Page - Texas Instruments OPA2377 Datasheet HTML 14Page - Texas Instruments OPA2377 Datasheet HTML 15Page - Texas Instruments OPA2377 Datasheet HTML 16Page - Texas Instruments OPA2377 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
16-Aug-2012
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
OPA2377AID
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
OPA2377AIDGKR
ACTIVE
VSSOP
DGK
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
OPA2377AIDGKT
ACTIVE
VSSOP
DGK
8
250
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
OPA2377AIDR
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
OPA377AID
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
OPA377AIDBVR
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
OPA377AIDBVT
ACTIVE
SOT-23
DBV
5
250
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
OPA377AIDCKR
ACTIVE
SC70
DCK
5
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
OPA377AIDCKT
ACTIVE
SC70
DCK
5
250
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
OPA377AIDR
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
OPA4377AIPW
ACTIVE
TSSOP
PW
14
90
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
OPA4377AIPWR
ACTIVE
TSSOP
PW
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com