Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2377 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2377
Description  5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2377 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2377 Datasheet HTML 5Page - Texas Instruments OPA2377 Datasheet HTML 6Page - Texas Instruments OPA2377 Datasheet HTML 7Page - Texas Instruments OPA2377 Datasheet HTML 8Page - Texas Instruments OPA2377 Datasheet HTML 9Page - Texas Instruments OPA2377 Datasheet HTML 10Page - Texas Instruments OPA2377 Datasheet HTML 11Page - Texas Instruments OPA2377 Datasheet HTML 12Page - Texas Instruments OPA2377 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
C
1
100nF
R
2
10kW
R
1
1kW
+5V
V
OUT
V
IN
V
=2.5V
CM
OPA377
-0.5
3
2
1
0
-1
-2
-3
InputCommon-ModeVoltage(V)
6.0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
+V
-V
OPA377
OPA2377
OPA4377
www.ti.com
SBOS504B
– FEBRUARY 2010 – REVISED JANUARY 2011
APPLICATION INFORMATION
OPERATING CHARACTERISTICS
The OPA377 family of amplifiers has parameters that
are fully specified from 2.2V to 5.5V (
±1.1V to
±2.75V). Many of the specifications apply from –40°C
to +125
°C. Parameters that can exhibit significant
variance
with
regard
to
operating
voltage
or
temperature
are
presented
in
the
Typical
Characteristics.
GENERAL LAYOUT GUIDELINES
For best operational performance of the device, good
printed circuit board (PCB) layout practices are
required. Low-loss, 0.1mF bypass capacitors must be
connected between each supply pin and ground,
placed as close to the device as possible. A single
bypass capacitor from V+ to ground is applicable to
single-supply applications.
BASIC AMPLIFIER CONFIGURATIONS
Figure 21. Basic Single-Supply Connection
The OPA377 family is unity-gain stable. It does not
exhibit output phase inversion when the input is
overdriven. A typical single-supply connection is
COMMON-MODE VOLTAGE RANGE
shown in Figure 21. The OPA377 is configured as a
The input common-mode voltage range of the
basic inverting amplifier with a gain of
–10V/V. This
OPA377 series extends 100mV beyond the supply
single-supply connection has an output centered on
rails. The offset voltage of the amplifier is low, from
the common-mode voltage, VCM. For the circuit
approximately (V
–) to (V+) – 1V, as shown in
shown, this voltage is 2.5V, but may be any value
Figure
22.
The
offset
voltage
increases
as
within the common-mode input voltage range.
common-mode
voltage
exceeds
(V+)
–1V.
Common-mode rejection is specified from (V
–) to
(V+)
– 1.3V.
Figure 22. Offset and Common-Mode Voltage
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA377 OPA2377 OPA4377



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com