Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3100PGW Datasheet(PDF) 42 Page - Texas Instruments

Part # TNETX3100PGW
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100PGW Datasheet(HTML) 42 Page - Texas Instruments

Back Button TNETX3100PGW Datasheet HTML 38Page - Texas Instruments TNETX3100PGW Datasheet HTML 39Page - Texas Instruments TNETX3100PGW Datasheet HTML 40Page - Texas Instruments TNETX3100PGW Datasheet HTML 41Page - Texas Instruments TNETX3100PGW Datasheet HTML 42Page - Texas Instruments TNETX3100PGW Datasheet HTML 43Page - Texas Instruments TNETX3100PGW Datasheet HTML 44Page - Texas Instruments TNETX3100PGW Datasheet HTML 45Page - Texas Instruments TNETX3100PGW Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
42
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DIO access to counter statistics
When accessing the statistics values from the DIO port, it is necessary to perform four 1-byte DIO reads to obtain
the full 32-bit counter. To prevent the counter being updated while reading the four bytes, the user should access
the low byte first, followed by the upper three bytes. On reading the low byte, the counter statistic value is
transferred to a 32-bit holding register before being placed on the DIO bus. The register is updated only when
reading the low byte of the counter statistic. When the counter statistics are accessed in this way, the user does
not see spurious updates.
The statistics, RX overrun, and collision registers are cleared only during a reset or when bit 4 (CLRSTS) of the
system control register at 0x00C3 is set. When the registers roll over, a rollover indication is not given.
clearing statistics counter memory
The statistics RAM can be requested to clear at any time during operation. This is achieved by setting the
CLRSTS bit in the system control register (DIO 0xC3). The state of this bit is latched. When set, the next statistics
update cycle writes 0 to all counters in the statistics RAM before resetting the latched bit. If the CLRSTS bit has
not subsequently been reset by the user, the latched bit is set again, causing the TNETX3100 to load 0 into the
statistics counters again. This continues until the CLRSTS bit is reset by the user. Soft reset has no effect on
the statistics counters (their contents are not cleared during a soft reset). A hard reset causes the statistics
counters to reset to 0. Port statistics cannot be cleared on a per-port basis.
queue structures address map at 0x86E0 – 0x20*N + 0x86FF – 0x20*N (N = port number in hex)
+7
+6
+5
+4
+3
+2
+1
+0
ADDRESS
Transmit queue N head
Transmit queue N tail
Transmit queue N length
0x86E0–(0x20*N)
Immediate queue N head
Immediate queue N tail
Immediate queue N length
0x86E8–(0x20*N)
Receive queue N head
Receive queue N tail
Receive queue N length
0x86F0–(0x20*N)
Reserved
Reserved
Reserved
0x86F8–(0x20*N)
EEPROM interface
The EEPROM interface is provided so that system-level manufacturers can optionally provide a preconfigured
system to their customers. Customers also can change or reconfigure their systems and retain their preferences
between system power downs.
The EEPROM contains configuration and initialization information, which is accessed infrequently (typically
power up and reset).
The TNETX3100 uses the 24C02 serial EEPROM device (2048 bits organized as 256 bits
× 8). See Table 7.
The 24C02 device uses a two-wire serial interface for communication and is available in a small-footprint
package.
The organization of the EEPROM data is the same format as the TNETX3100 registers 0x00–0xD7 (see section
on internal registers). This allows a complete initialization to be performed by downloading the contents of the
EEPROM into the TNETX3100. During the download, no DIO operations are permitted. The LOAD bit in the
system control registers cannot be set during a download, preventing a download loop. The LOAD bit is reset
after completion of the download.
The TNETX3100 detects the presence or absence of the EEPROM. If no EEPROM is installed, the EDIO
terminal should be tied low. For EEPROM operation, the terminal requires an external pullup (see EEPROM
data sheet). If no EEPROM is detected, the TNETX3100 assumes default modes of operation at power up.
Downloading the configuration from the EEPROM terminals is disabled when no EEPROM is present. The
timing information for the EEPROM interface is provided in Figure 23 and Figure 24.
If EEPROM is present, but has a bad CRC, the fault LED is illuminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com