Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3100PGW Datasheet(PDF) 58 Page - Texas Instruments

Part # TNETX3100PGW
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100PGW Datasheet(HTML) 58 Page - Texas Instruments

Back Button TNETX3100PGW Datasheet HTML 54Page - Texas Instruments TNETX3100PGW Datasheet HTML 55Page - Texas Instruments TNETX3100PGW Datasheet HTML 56Page - Texas Instruments TNETX3100PGW Datasheet HTML 57Page - Texas Instruments TNETX3100PGW Datasheet HTML 58Page - Texas Instruments TNETX3100PGW Datasheet HTML 59Page - Texas Instruments TNETX3100PGW Datasheet HTML 60Page - Texas Instruments TNETX3100PGW Datasheet HTML 61Page - Texas Instruments TNETX3100PGW Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
58
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Outputs are driven to a minimum high-logic level of 3.3 V and to a maximum low-logic level of 0 V.
Output transition times are specified as follows: For a high-to-low transition on either an input or output signal,
the level at which the signal is said to be no longer high is 1.4 V and the level at which the signal is said to be
low is 1.4 V. For a low-to-high transition, the level at which the signal is said to be no-longer low is 0.8 V and
the level at which the signal is said to be high is 2 V, as shown in the following.
The rise and fall times are not specified but are assumed to be those of standard TTL devices, which are typically
1.5 ns.
0.8 V (low)
2 V (high)
1.4 V
test measurement
The test-and-load circuit shown in Figure 13 represents the programmable load of the tester-pin electronics that
is used to verify timing parameters of the TNETX3100 output signals.
TTL OUTPUT TEST LOAD
CL
IOH
VLOAD
IOL
Where: IOL
=
Refer to IOL in recommended operating conditions.
IOH
=
Refer to IOH in recommended operating conditions.
VLOAD =
1.5 V, typical dc-level verification or
1.5 V, typical timing verification
CL
=
45 pF, typical load-circuit capacitance
TTL
Output
Under
Test
Test
Point
Figure 13. Test-and-Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com