Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3100PGW Datasheet(PDF) 65 Page - Texas Instruments

Part # TNETX3100PGW
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100PGW Datasheet(HTML) 65 Page - Texas Instruments

Back Button TNETX3100PGW Datasheet HTML 61Page - Texas Instruments TNETX3100PGW Datasheet HTML 62Page - Texas Instruments TNETX3100PGW Datasheet HTML 63Page - Texas Instruments TNETX3100PGW Datasheet HTML 64Page - Texas Instruments TNETX3100PGW Datasheet HTML 65Page - Texas Instruments TNETX3100PGW Datasheet HTML 66Page - Texas Instruments TNETX3100PGW Datasheet HTML 67Page - Texas Instruments TNETX3100PGW Datasheet HTML 68Page - Texas Instruments TNETX3100PGW Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
65
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements (see Figure 17)
DRAM burst write cycle (TNETX3100 frame buffer write)
NO.
MIN
NOM
MAX
UNIT
1
tc(OSCIN)
Cycle time, OSCIN clock
20
ns
2
tw(OSCINH)
Pulse duration, OSCIN high
8
ns
3
tw(OSCINL)
Pulse duration, OSCIN low
8
ns
Frequency drift, OSCIN clock
±50
ppm
operating characteristics over recommended operating conditions (see Figure 17)
DRAM burst write cycle (TNETX3100 frame buffer write) (with DREF clock)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
4
tc(DREF)
Cycle time, DREF clock
20
ns
5
td(DA)†
Delay time, from DREF
↑ to DA7–DA0 valid/invalid
0
ns
5
td(DX)†
Delay time, from DREF
↑ to DX2–DX0 valid/invalid
0
ns
6
td(DRAS)†
Delay time, from DREF
↑ to DRAS transition
0
ns
7
td(DD)†
Delay time, from DREF
↑ to DD35–DD0 valid/invalid
0
ns
8
td(DOE)†
Delay time, from DREF
↑ to DOE transition
0
ns
9
td(DWE)†
Delay time, from DREF
↑ to DWE transition
0
ns
10
td(DCAS)†
Delay time, from DREF
↑ to DCAS transition
0
ns
† All DRAM terminals are specified to have less than a 7-ns variance at any temperature and voltage.
operating characteristics over recommended operating conditions (see Figure 17)
DRAM burst write cycle (TNETX3100 frame buffer write) (with OSCIN clock)
NO.
PARAMETER
MIN
MAX
UNIT
11
td(DA)
Delay time, from OSCIN
↑ to DA7–DA0 valid/invalid
3
18
ns
11
td(DX)
Delay time, from OSCIN
↑ to DX2–DX0 valid/invalid
3
18
ns
12
td(DRAS)
Delay time, from OSCIN
↑ to DRAS transition
3
16
ns
13
td(DD)
Delay time, from OSCIN
↑ to DD35–DD0 valid/invalid
3
18
ns
14
td(DOE)
Delay time, from OSCIN
↑ to DOE transition
3
18
ns
15
td(DWE)
Delay time, from OSCIN
↑ to DWE transition
3
16
ns
16
td(DCAS)
Delay time, from OSCIN
↑ to DCAS transition
3
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com