Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3100PGW Datasheet(PDF) 44 Page - Texas Instruments

Part # TNETX3100PGW
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100PGW Datasheet(HTML) 44 Page - Texas Instruments

Back Button TNETX3100PGW Datasheet HTML 40Page - Texas Instruments TNETX3100PGW Datasheet HTML 41Page - Texas Instruments TNETX3100PGW Datasheet HTML 42Page - Texas Instruments TNETX3100PGW Datasheet HTML 43Page - Texas Instruments TNETX3100PGW Datasheet HTML 44Page - Texas Instruments TNETX3100PGW Datasheet HTML 45Page - Texas Instruments TNETX3100PGW Datasheet HTML 46Page - Texas Instruments TNETX3100PGW Datasheet HTML 47Page - Texas Instruments TNETX3100PGW Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
44
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
EEPROM auto-configuration from an external x24C02 EEPROM (continued)
Table 7. EEPROM Address Map
EEPROM PHYSICAL
ADDRESS
DESCRIPTION
EEPROM PHYSICAL
ADDRESS
DESCRIPTION
00–07
Network address register 16
A0
Revision register
08–0F
Network address register 17
A1
SIO/SCTRL register
10–17
Network address register 18
A2
Reserved
18–1F
Network address register 19
A3
Device code register
20–27
Network address register 20
A4–A5
Port 00 transmit queue-length register
28–2F
Network address register 21
A6–A7
Port 01 transmit queue-length register
30–37
Network address register 22
A8–A9
Port 02 transmit queue-length register
38–3F
Network address register 23
AA–AB
Port 03 transmit queue-length register
40–47
Network address register 24
AC–AD
Port 04 transmit queue-length register
48–4F
Network address register 25
AE–AF
Port 05 transmit queue-length register
50–57
Network address register 26
B0–B1
Port 06 transmit queue-length register
58–5F
Network address register 27
B2–B3
Port 07 transmit queue-length register
60–67
Network address register 28
B4–B5
Port 08 transmit queue-length register
68–6F
Network address register 29
B6–B7
Port 09 transmit queue-length register
70–77
Network address register 30
B8–B9
Port 00 VLAN register
78–7F
Network address register 31
BA–BB
Port 01 VLAN register
80
Port 00 control
BC–BD
Port 02 VLAN register
81
Port 00 status
BE–BF
Port 03 VLAN register
82
Port 01 control
C0–C1
Port 04 VLAN register
83
Port 01 status
C2–C3
Port 05 VLAN register
84
Port 02 control
C4–C5
Port 06 VLAN register
85
Port 02 status
C6–C7
Port 07 VLAN register
86
Port 03 control
C8–C9
Port 08 VLAN register
87
Port 03 status
CA–CB
Port 09 VLAN register
88
Port 04 control
CC–CE
Free queue-length register
89
Port 04 status
CF
Reserved
8A
Port 05 control
D0
Feature-configuration register
8B
Port 05 status
D1
LED register
8C
Port 06 control
D2
RAM size register
8D
Port 06 status
D3
System-control register
8E
Port 07 control
D4
CRC byte 3
8F
Port 07 status
D5
CRC byte 2
90
Port 08 control
D6
CRC byte 1
91
Port 08 status
D7
CRC byte 0
92
Port 09 control
D8–FF
Reserved
93
Port 09 status
94–9F
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com