Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST30VR043 Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST30VR043
Description  4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST30VR043 Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST30VR043 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Preliminary Specifications
4 Mbit ROM + 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST30VR041 / SST30VR043
©2001 Silicon Storage Technology, Inc.
S71134-02-000
4/01
381
FIGURE 2: AC INPUT/OUTPUT REFERENCE WAVEFORMS
FIGURE 3: A TEST LOAD EXAMPLE
TABLE
4: CAPACITANCE (Ta = 25°C, f=1 Mhz)
Parameter
Description
Test Condition
Maximum
CI/O1
I/O Pin Capacitance
VI/O = 0V
8 pF
CIN1
Input Capacitance
VIN = 0V
6 pF
T4.1 381
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
381 ILL F07.0
REFERENCE POINTS
OUTPUT
INPUT
VIT
VIHT
VILT
VOT
AC test inputs are driven at VIHT (0.9 VDD) for a logic “1” and VILT (0.1 VDD) for a logic “0”. Measurement reference points
for inputs and outputs are VIT (0.5 VDD) and VOT (0.5 VDD). Input rise and fall times (10%
↔ 90%) are <5 ns.
Note: VIT - VINPUT Test
VOT - VOUTPUT Test
VIHT - VINPUT HIGH Test
VILT - VINPUT LOW Test
381 ILL F08.0
TO TESTER
TO DUT
CL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com