Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST30VR043 Datasheet(PDF) 6 Page - Silicon Storage Technology, Inc

Part # SST30VR043
Description  4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST30VR043 Datasheet(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST30VR043 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 10Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Preliminary Specifications
4 Mbit ROM + 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST30VR041 / SST30VR043
©2001 Silicon Storage Technology, Inc.
S71134-02-000
4/01
381
FIGURE 5: ROM READ CYCLE TIMING DIAGRAM (ROMCS# & OE# CONTROLLED)
II. SRAM Operation
(ROMCS# = VIH)
TRC
TAA
TCO
TLZ(2)
TOHZ(1)
TOH
THZ(1,2)
Data Valid
381 ILL F03.0
Data Out
OE#
ROMCS#
High-Z
Address
TOE
TOLZ
Notes: 1. THZ and TOHZ are defined as the time at which the outputs achieve the open circuit condition
and are referenced to the VOH or VOL.
2. At any given temperature and voltage condition THZ(max) is less than TLZ(min) both for a given
device and from device to device.
TABLE
6: READ CYCLE TIMING PARAMETERS VDD = 3.0V±0.3
Symbol
Parameter
SST30VR041-70
SST30VR041/043-150
Units
Min
Max
Min
Max
TRC
Read Cycle Time
70
150
ns
TAA
Address Access Time
70
150
ns
TCO
Chip Select to Output
70
150
ns
TLZ
Chip Select to Low-Z Output
0
0
ns
THZ
Chip Disable to High-Z Output
25
30
ns
TOH
Output Hold from Address Change
10
15
ns
T6.2 381
TABLE
7: WRITE CYCLE TIMING PARAMETERS VDD = 3.0V±0.3
Symbol
Parameter
SST30VR041-70
SST30VR041/043-150
Units
Min
Max
Min
Max
TWC
Write Cycle Time
70
150
ns
TCW
Chip Select to End-of-Write
60
120
ns
TAW
Address Valid to End-of-Write
60
120
ns
TAS
Address Set-up Time
0
0
ns
TWP
Write Pulse Width
60
120
ns
TWR
Write Recovery Time
0
0
ns
TWHZ
Write to Output High-Z
30
60
ns
TDW
Data to Write Time Overlap
30
60
ns
TDH
Data Hold from Write Time
0
0
ns
TOW
End Write to Output Low-Z
0
10
ns
T7.2 381



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com