Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST30VR043 Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST30VR043
Description  4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST30VR043 Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST30VR043 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST30VR043 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Preliminary Specifications
4 Mbit ROM + 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST30VR041 / SST30VR043
5
©2001 Silicon Storage Technology, Inc.
S71134-02-000
4/01
381
AC CHARACTERISTICS
I. ROM Operation
FIGURE 4: ROM READ CYCLE TIMING DIAGRAM (ADDRESS CONTROLLED) (ROMCS# = OE# = VIL)
TABLE
5: READ CYCLE TIMING PARAMETERS
VDD = 3.0V±0.3
Symbol
Parameter
SST30VR041-70
SST30VR041/043-150
Units
Min
Max
Min
Max
TRC
Read Cycle Time
70
150
ns
TAA
Address Access Time
70
150
ns
TCO
Chip Select to Output
70
150
ns
TOE
Output Enable to Valid Output
35
70
ns
TLZ
Chip Select to Low-Z Output
0
0
ns
TOLZ
Output Enable to Low-Z Output
0
0
ns
THZ
Chip Disable to High-Z Output
25
30
ns
TOHZ
Output Disable to High-Z Output
25
30
ns
TOH
Output Hold from Address Change
10
15
ns
T5.2 381
TRC
TAA
Data Valid
381 ILL F02.0
Data Out
Previous Data Valid
Address
TOH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com