Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5025ID Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025ID
Description  Contains all support circuitry needed
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5025ID Datasheet(HTML) 19 Page - Texas Instruments

Back Button REF5025ID Datasheet HTML 15Page - Texas Instruments REF5025ID Datasheet HTML 16Page - Texas Instruments REF5025ID Datasheet HTML 17Page - Texas Instruments REF5025ID Datasheet HTML 18Page - Texas Instruments REF5025ID Datasheet HTML 19Page - Texas Instruments REF5025ID Datasheet HTML 20Page - Texas Instruments REF5025ID Datasheet HTML 21Page - Texas Instruments REF5025ID Datasheet HTML 22Page - Texas Instruments REF5025ID Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
www.ti.com
Evaluating Performance with the ADCPro Software
8
Evaluating Performance with the ADCPro Software
The evaluation software is based on ADCPro, a program that operates using a variety of plug-ins. (The
ADS7953EVM plug-in is installed as described in the previous section.)
To use ADCPro, load an EVM plug-in and a test plug-in. To load an EVM plug-in, select it from the EVM
menu. To load a test plug-in, select it from the Test menu. To unload a plug-in, select the Unload option
from the corresponding menu.
Only one of each kind of plug-in can be loaded at a time. If selecting a different plugin, the previous plugin
is unloaded.
8.1
Using the ADS7953EVM-PDK Plug-in
The ADS7953EVM-PDK plug-in for ADCPro provides complete control over all settings of the ADS7953. It
consists of a tabbed interface (see Figure 19), with different functions available on different tabs. These
controls are described in this section.
The user can adjust the ADS7953EVM settings when not acquiring data. During acquisition, all controls
are disabled and settings may not be changed.
When a setting is changed on the ADS7953EVM plug-in, the setting immediately updates on the board.
Settings on the ADS7953EVM correspond to settings described in the ADS7953 product data sheet; see
the ADS7953 data sheet for details.
Because the effective sampling rate of the ADS7953 depends upon settings of the Clock Freq and the
number of channels being sampled, the Sampling Rate indicator in the upper right corner of the plug-in
interface is always visible and updates whenever a setting changes that affects the effective 'per-channel'
sampling rate.
19
SLAU262C
– January 2009 – Revised May 2011
ADS79xxEVM and ADS79xxEVM-PDK
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com