Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5025ID Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025ID
Description  Contains all support circuitry needed
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5025ID Datasheet(HTML) 30 Page - Texas Instruments

Back Button REF5025ID Datasheet HTML 24Page - Texas Instruments REF5025ID Datasheet HTML 25Page - Texas Instruments REF5025ID Datasheet HTML 26Page - Texas Instruments REF5025ID Datasheet HTML 27Page - Texas Instruments REF5025ID Datasheet HTML 28Page - Texas Instruments REF5025ID Datasheet HTML 29Page - Texas Instruments REF5025ID Datasheet HTML 30Page - Texas Instruments REF5025ID Datasheet HTML 31Page - Texas Instruments REF5025ID Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
ti
12500 TI Boulevard. Dallas, Texas 75243
Title:
SHEET:
OF:
FILE:
SIZE:
DATE:
REV:
17-Nov-2008
Drawn By:
Engineer:
Revision History
REV
ECN Number
Approved
ADS795x_A.sch
DOCUMENTCONTROL #
+VCC
W2
R5
33
AGND
R13
33
AGND
R6
33
AGND
R4
33
AGND
R3
33
AGND
R2
33
AGND
R7
33
AGND
R8
33
AGND
R9
33
AGND
R10
33
AGND
R1
33
AGND
W4
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH15
CH14
CH13
REF+
W3
REF-
AGND
-In
2
+In
3
Output
6
U1
OPA365
R11
NI
R12
0
AGND
CH0
C23
0.1uF
C17
10uF
AGND
CH10
CH9
CH8
CH7
CH6
AGND
VREF+
INT
AGND
1
1
1
Tom Hendrick
C12
270pF
C11
270pF
C10
270pF
C9
270pF
C8
270pF
C7
270pF
C6
270pF
C5
270pF
C4
270pF
C3
270pF
C15
NI
C22
270pF
C21
10uF
C25
0.1uF
DGND
R15
33
SDO
SDI
W1
SCLK
1
3
5
7
9
11
13
17
19
2
4
6
8
10
12
14
16
18
20
15
P1
1
3
5
7
9
11
13
17
19
2
4
6
8
10
12
14
16
18
20
15
P2
C19
0.1uF
C18
10uF
C20
1.0uF
REF_M
ADS79xx Evaluation Module
TP3
P3B
R16
33
R14
33
CS*
CLKX
FSX
GPIO2
1
GPIO3
2
AGND/REFM
3
REFP
4
+VA
5
AGND
6
MXD
7
AINP
8
AGND/AINM
9
NC/Ch15
11
NC/Ch14
12
AGND
20
AGND
10
NC/Ch13
13
NC/Ch12
14
Ch11
15
Ch10
16
Ch9
17
Ch8
18
AGND
19
Ch7
21
Ch6
22
Ch5
23
Ch4
24
Ch3
25
Ch2
26
Ch1
27
Ch0
28
VCC
29
CS
31
SCLK
32
VEE
30
SDI
33
SDO
34
BDGND
35
+VBD
36
GPIO0
37
GPIO1
38
U2
ADS79XX
+VCC
+VCC
C26
10uF
Ch0_FLT
W6
C16
0.1uF
Ch0_FLT
Ch1_FLT
Ch2_FLT
Ch3_FLT
Ch4_FLT
Ch5_FLT
SDO
SDI
CH12
CH11
CH10
CH9
CH8
Ch1_FLT
Ch2_FLT
Ch3_FLT
Ch4_FLT
Ch5_FLT
R21
33
AGND
CH11
C24
270pF
R17
33
AGND
CH15
C1
270pF
R18
33
AGND
CH14
C2
270pF
R19
33
AGND
CH13
C13
270pF
R20
33
AGND
CH12
C14
270pF
REF_M
TP1
+VCC
1
2
3
4
J2
REF_P
TP2
VREF+
REF_P
REF+
REF-
Vo
6
Trim
5
Temp
3
GND
4
Vin
2
NC
1
NC
7
NC
8
U3
REF5025
GND
GND
1
2
3
4
5
6
7
8
9
10
11 12
13 14
15 16
J1
8X2X.1
R22
10
C27
10uF
+VCC
VCC_D
VCC_D
C29
1.0uF
C28
1.0uF
A0
1
A1
2
A2
3
GND
4
SDA
5
SCL
6
WP
7
VCC
8
U4
MCP_24LC256
R24
NI
R23
33
VCC_D
R25
47.5K
R26
47.5K
VCC_D
W7
W5
C31
10uF
C30
1.0uF
VCC_D
6503756
Lisa Parker



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com