Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5025ID Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025ID
Description  Contains all support circuitry needed
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5025ID Datasheet(HTML) 28 Page - Texas Instruments

Back Button REF5025ID Datasheet HTML 24Page - Texas Instruments REF5025ID Datasheet HTML 25Page - Texas Instruments REF5025ID Datasheet HTML 26Page - Texas Instruments REF5025ID Datasheet HTML 27Page - Texas Instruments REF5025ID Datasheet HTML 28Page - Texas Instruments REF5025ID Datasheet HTML 29Page - Texas Instruments REF5025ID Datasheet HTML 30Page - Texas Instruments REF5025ID Datasheet HTML 31Page - Texas Instruments REF5025ID Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Schematic and Bill of Materials
www.ti.com
9.1
Bill of Materials
Note: All components should be compliant with the European Union Restriction on Use of Hazardous
Substances (RoHS) Directive. Some part numbers may be either leaded or RoHS. Verify that purchased
components are RoHS-compliant. (For more information about TI's position on RoHS compliance, see the
TI website.)
Table 7. ADS7953EVM Bill of Materials
Item No.
Qty
Ref Des
Description
Vendor
Part Number
1
1
N/A
Printed Wiring
TI
Board
2
0
C15
Not Installed
3
0
R11 R14 R24
Not Installed
4
16
C1 - C14 C22 C24
CAP CER 270PF
TDK
C1608C0G1H271J
50V C0G 5% 0603
5
4
C16 C19 C23 C25
CAP CER 0.10UF
TDK
C1608X7R1E104K
25V X7R 10% 0603
6
6
C17 C18 C21 C26
CAP CERAMIC
Panasonic
ECJ-1VB0J106M
C27
10UF 6.3V X5R
0603
7
4
C20 C28 C29 C30
CAP CER 1.0UF
Taiyo Yuden
EMK107B7105KA-T
16V X7R 0603
8
1
J1
8X2X.1 Header
Samtec
TMS-108-02-G-D
9
1
J2
2X2X.1 Header
Samtec
TMS-102-02-G-S
10
2
P1 P2 (top side)
10 Pin, Dual Row,
Samtec
TSM-110-01-T-DV-
SMT Header (20 P
P
11
2
P1B P2B (bottom
10 Pin, Dual Row,
Samtec
SSW-110-22-F-D-
side)
SMT Socket (20 P
VS-K
12
1
P3 (top side)
5 Pin, Dual Row,
Samtec
TSM-105-01-T-DV-
SMT Header (10 Po
P
13
1
P3B (bottom side)
5 Pin, Dual Row,
Samtec
SSW-105-22-F-D-
SMT Socket (10 Po
VS-K
14
19
R1 - R10 R13 R15 - RES 33.0 OHM
Yageo
RC0603FR-0733RL
1/10W 1% 0603
SMD
15
1
R12
RES 0.0 OHM
Yageo
RC0603JR-070RL
1/10W 5% 0603
SMD
16
1
R22
RES 10.0 OHM
Yageo
RC0603FR-0710RL
1/10W 1% 0603
SMD
17
2
R25 R26
RES 47.5K OHM
Yageo
RC0603FR-
1/10W 1% 0603
0747K5L
SMD
18
3
TP1 TP2 TP3
TEST POINT PC
Keystone
5001
MINI .040D RED
19
2
GND GND
TEST POINT PC
Keystone
5011
MULTI PURPOSE
BLK
20
1
U1
2.2V, 50MHz,
TI
OPA365AID
Low-Noise,
Single-Sup
21
1
U2
12/10/8-Bit, 1
TI
ADS7953/52/51/50
MSPS,
16/12/8/4-Cha
22
1
U3
Low-Noise, Very
TI
REF5025ID
Low Drift, Precisi
23
1
U4
IC SERIAL
Microchip
24LC256T-I/SN
EEPROM 256K
2.5V 8-SOIC
28
ADS79xxEVM and ADS79xxEVM-PDK
SLAU262C
– January 2009 – Revised May 2011
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com