Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5025ID Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025ID
Description  Contains all support circuitry needed
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5025ID Datasheet(HTML) 7 Page - Texas Instruments

Back Button REF5025ID Datasheet HTML 3Page - Texas Instruments REF5025ID Datasheet HTML 4Page - Texas Instruments REF5025ID Datasheet HTML 5Page - Texas Instruments REF5025ID Datasheet HTML 6Page - Texas Instruments REF5025ID Datasheet HTML 7Page - Texas Instruments REF5025ID Datasheet HTML 8Page - Texas Instruments REF5025ID Datasheet HTML 9Page - Texas Instruments REF5025ID Datasheet HTML 10Page - Texas Instruments REF5025ID Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
www.ti.com
EVM Operation
6.3
ADS7953EVM-PDK Power Supply
The analog portion of the ADS7953EVM can either be powered by a 5V source generated via ac adapter
or by applying the +5VA to the connector on the MMB0 board. The MMB0 board will provide the digital 5V
and 3.3V to the ADS7953EVM. To provide +5VA to the ADS7953EVM from the MMB0 board, make sure
the jumper at J13 (on the MMB0) is closed from +5V to +5VA.
6.4
Default Jumper Settings
Figure 2 shows the jumpers found on the EVM and the respective factory default conditions for each.
Figure 2. ADS7953EVM Default Jumper Locations
Table 6 lists the jumpers found on the EVM and the respective factory default conditions for each.
Table 6. List of Jumpers
Switch
Default Position
Switch Description
W1
Open
W1 is not installed in production boards
W2 selects the REFP source, onboard (default) or external via
W2
Short 1-2
P1.18
W3 selects the REFM source, AGND (default) or external via
W3
Short 1-2
P1.20
W4 selects the CH0 input configuration, buffered (default) or
W4
Short 1-2
bypassed
W5 selects the CS source on the ADS7953, FSX (default) or
W5
Short 1-2
CNTL
W6
Short 1-2
W6 selects the DV
DD Voltage, +5VD (default) or +3.3VD
W7 selects the host processor interrupt source, GPIO1 (default)
W7
Short 1-2
or GPIO0
7
SLAU262C
– January 2009 – Revised May 2011
ADS79xxEVM and ADS79xxEVM-PDK
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com