Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8040A Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040A
Description  Four-Port and Two-Port USB 3.0 Hub
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040A Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB8040A Datasheet HTML 13Page - Texas Instruments TUSB8040A Datasheet HTML 14Page - Texas Instruments TUSB8040A Datasheet HTML 15Page - Texas Instruments TUSB8040A Datasheet HTML 16Page - Texas Instruments TUSB8040A Datasheet HTML 17Page - Texas Instruments TUSB8040A Datasheet HTML 18Page - Texas Instruments TUSB8040A Datasheet HTML 19Page - Texas Instruments TUSB8040A Datasheet HTML 20Page - Texas Instruments TUSB8040A Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
TUSB8020A, TUSB8040A
www.ti.com
SLLSEA7B – MAY 2012 – REVISED AUGUST 2012
2.5
I
2C/SMBUS Signals
Table 2-5. I2C/SMBUS Signals
TUSB8040A
TUSB8020A
SIGNAL NAME
TYPE
PIN NO.
PIN NO.
DESCRIPTION
PFP
RKM
PFP
RKM
I2C clock/SMBus clock. Function of terminal depends on the setting of the
SMBUSz input.
When SMBUSz = 1, this terminal acts as the serial clock interface for an I2C
EEPROM.
When SMBUSz = 0, this terminal acts as the serial clock interface for an
SMBus host.
I/O,
The SCL_SMBCLK terminal is sampled at the deassertion of reset to determine
SCL/SMBCLK
34
B17
34
B17
PD
if SuperSpeed USB low power states U1 and U2 are initiated. If SCL_SMBCLK
is low, (default), U1 / U2 power states are enabled.
If SCL_SMBCLK is high, entry to U1 / U2 power states is not initiated by the
hub downstream ports, but is accepted. This input is over-ridden if
SDA_SMBDAT is sampled as a ‘1’. If an EEPROM is installed, U1/U2 power
state support is controlled by the Device Configuration Register.
Can be left unconnected if external interface not implemented.
I2C data/SMBus data. Function of terminal depends on the setting of the
SMBUSz input.
When SMBUSz = 1, this terminal acts as the serial data interface for an I2C
EEPROM.
When SMBUSz = 0, this terminal acts as the serial data interface for an
SMBus host.
The SDA_SMBDAT terminal is sampled at the deassertion of reset to
I/O,
SDA/SMBDAT
35
A19
35
A19
determine if SuperSpeed USB low power states U1 and U2 are disabled. If
PD
SDA_SMBDAT is high, U1 and U2 low power states are disabled. If
SDA_SMBDAT is low, U1 and U2 low power states are enabled.
If the optional EEPROM or SMBUS is implemented, the value of the
u1u2Disable bit of the Device Configuration Register determines if the low
power states U1 and U2 are enabled.
Can be left unconnected if external interface not implemented and U1 and U2
are to be enabled.
I2C/SMBus mode select.
1 = I2C Mode Selected
SMBUSz
I, PU
36
B18
36
B18
0 = SMBus Mode Selected
Can be left unconnected if external interface not implemented.
Copyright © 2012, Texas Instruments Incorporated
PIN DESCRIPTIONS
17
Submit Documentation Feedback
Product Folder Links: TUSB8020A TUSB8040A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com