Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8040A Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040A
Description  Four-Port and Two-Port USB 3.0 Hub
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040A Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB8040A Datasheet HTML 12Page - Texas Instruments TUSB8040A Datasheet HTML 13Page - Texas Instruments TUSB8040A Datasheet HTML 14Page - Texas Instruments TUSB8040A Datasheet HTML 15Page - Texas Instruments TUSB8040A Datasheet HTML 16Page - Texas Instruments TUSB8040A Datasheet HTML 17Page - Texas Instruments TUSB8040A Datasheet HTML 18Page - Texas Instruments TUSB8040A Datasheet HTML 19Page - Texas Instruments TUSB8040A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
TUSB8020A, TUSB8040A
SLLSEA7B – MAY 2012 – REVISED AUGUST 2012
www.ti.com
Table 2-4. USB Downstream Signals (continued)
TUSB8040A
TUSB8020A
SIGNAL NAME
TYPE
PIN NO.
PIN NO.
DESCRIPTION
PFP
RKM
PFP
RKM
USB Port 3 Amber LED Indicator & Device Removable Configuration Bit
1 = Device is Removable
I/O,
LEDA3z_RMBL3
N/A
B27
N/A
N/A
0 = Device is NOT Removable
PU
Device removable option can be set via I2C EEPROM or SMBUS host on
the TUSB8040APFP
USB Port 0 Green LED Indictor & Port Used Configuration Bit
1 = Port Used
I/O,
LEDG0z_USED0
N/A
A25
N/A
A25
0 = Port is NOT Used
PU
Port used option can be set via I2C EEPROM or SMBUS host on the
TUSB80x0APFP
USB Port 1 Green LED Indictor & Port Used Configuration Bit
1 = Port Used
I/O,
LEDG1z_USED1
N/A
A27
N/A
A27
0 = Port is NOT Used
PU
Port used option can be set via I2C EEPROM or SMBUS host on the
TUSB80x0APFP
USB Port 2 Green LED Indictor & Port Used Configuration Bit
1 = Port Used
I/O,
LEDG2z_USED2
N/A
A28
N/A
N/A
0 = Port is NOT Used
PU
Port used option can be set via I2C EEPROM or SMBUS host on the
TUSB8040APFP
USB Port 3 Green LED Indictor & Port Used Configuration Bit
1 = Port Used
I/O,
LEDG3z_USED3
N/A
A30
N/A
N/A
0 = Port is NOT Used
PU
Port used option can be set via I2C EEPROM or SMBUS host on the
TUSB8040APFP
16
PIN DESCRIPTIONS
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB8020A TUSB8040A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com