Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8040A Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040A
Description  Four-Port and Two-Port USB 3.0 Hub
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040A Datasheet(HTML) 29 Page - Texas Instruments

Back Button TUSB8040A Datasheet HTML 25Page - Texas Instruments TUSB8040A Datasheet HTML 26Page - Texas Instruments TUSB8040A Datasheet HTML 27Page - Texas Instruments TUSB8040A Datasheet HTML 28Page - Texas Instruments TUSB8040A Datasheet HTML 29Page - Texas Instruments TUSB8040A Datasheet HTML 30Page - Texas Instruments TUSB8040A Datasheet HTML 31Page - Texas Instruments TUSB8040A Datasheet HTML 32Page - Texas Instruments TUSB8040A Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
TUSB8020A, TUSB8040A
www.ti.com
SLLSEA7B – MAY 2012 – REVISED AUGUST 2012
3.4.16 Manufacturer String Registers
Table 3-32. Register Offset 50h-8Fh
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 3-33. Bit Descriptions – Manufacturer String Registers
Bit
Field Name
Access
Description
Manufacturer string byte N. These registers provide the string values
returned for string index 3 when mfgStringLen is greater than 0. The
number of bytes returned in the string is equal to mfgStringLen. The
7:0
mfgStringByte[n]
RW
programmed data should be in UNICODE UTF-16LE encodings as
defined by The Unicode Standard, Worldwide Character Encoding,
Version 5.0.
3.4.17 Product String Registers
Table 3-34. Register Offset 90h-CFh
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 3-35. Bit Descriptions – Product String Registers
Bit
Field Name
Access
Description
Product string byte N. These registers provide the string values returned
for string index 2 when prodStringLen is greater than 0. The number of
7:0
prodStringByte[n]
RW
bytes returned in the string is equal to prodStringLen. The programmed
data should be in UNICODE UTF-16LE encodings as defined by The
Unicode Standard, Worldwide Character Encoding, Version 5.0.
3.4.18 Device Status and Command Register
Table 3-36. Register Offset F8h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 3-37. Bit Descriptions – Device Status and Command Register
Bit
Field Name
Access
Description
7:2
RSVD
RO
Reserved. Read only, returns 0 when read.
SMBus interface reset. This bit resets the SMBus slave interface to its
default state and loads the registers back to their GRSTz values. This bit
1
smbusRst
RSU
is set by writing a 1 and is cleared by hardware on completion of the
reset. A write of 0 has no effect. (Not used with I2C)
Configuration active. This bit indicates that configuration of the
TUSB80x0A is currently active. The bit is set by hardware when the
device enters the I2C or SMBus mode. The TUSB80x0A does not
connect on the upstream port while this bit is 1.When in I2C mode, the bit
0
cfgActive
RCU
is cleared by hardware when the TUSB80x0A exits the I2C mode. When
in the SMBus mode, this bit must be cleared by the SMBus host in order
to exit the configuration mode and allow the upstream port to connect.
The bit is cleared by a writing 1. A write of 0 has no effect.
Copyright © 2012, Texas Instruments Incorporated
FUNCTIONAL DESCRIPTION
29
Submit Documentation Feedback
Product Folder Links: TUSB8020A TUSB8040A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com