Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8040A Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040A
Description  Four-Port and Two-Port USB 3.0 Hub
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040A Datasheet(HTML) 28 Page - Texas Instruments

Back Button TUSB8040A Datasheet HTML 24Page - Texas Instruments TUSB8040A Datasheet HTML 25Page - Texas Instruments TUSB8040A Datasheet HTML 26Page - Texas Instruments TUSB8040A Datasheet HTML 27Page - Texas Instruments TUSB8040A Datasheet HTML 28Page - Texas Instruments TUSB8040A Datasheet HTML 29Page - Texas Instruments TUSB8040A Datasheet HTML 30Page - Texas Instruments TUSB8040A Datasheet HTML 31Page - Texas Instruments TUSB8040A Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
TUSB8020A, TUSB8040A
SLLSEA7B – MAY 2012 – REVISED AUGUST 2012
www.ti.com
Table 3-27. Bit Descriptions – Manufacturer String Length Register
Bit
Field Name
Access
Description
7
RSVD
RO
Reserved. Read only, returns 0 when read.
Manufacturer string length. The string length in bytes for the
manufacturer string. The default value is 0, indicating that a manufacturer
string is not provided. The maximum string length is 64 bytes. When the
6:0
mfgStringLen
RW
field is non-zero, a manufacturer string of mfgStringLen bytes is returned
at string index 3 from the data contained in the Manufacturer String
registers.
3.4.14 Product String Length Register
Table 3-28. Register Offset 24h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 3-29. Bit Descriptions – Product String Length Register
Bit
Field Name
Access
Description
7
RSVD
RO
Reserved. Read only, returns 0 when read.
Product string length. The string length in bytes for the product string.
The default value is 0, indicating that a product string is not provided.
6:0
prodStringLen
RW
The maximum string length is 64 bytes. When the field is non-zero, a
product string of prodStringLen bytes is returned at string index 2 from
the data contained in the Product String registers.
3.4.15 Serial Number Registers
Table 3-30. Register Offset 30h-4Fh
Bit No.
7
6
5
4
3
2
1
0
Reset State
X
X
x
x
x
x
x
x
Table 3-31. Bit Descriptions – Serial Number Registers
Bit
Field Name
Access
Description
Serial Number byte N. The serial number returned in the Serial Number
string descriptor at string index 1. The default value of these registers is
calculated from the Die ID fields in the fuseRom. When customSernum is
7:0
serialNumber[n]
RW
1, these registers may be over-written by EEPROM contents or by an
SMBus host. The serial number will be returned in USB 2.0 descriptor of
the TUSB80x0A.
28
FUNCTIONAL DESCRIPTION
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB8020A TUSB8040A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com