Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDXLF-308 Datasheet(PDF) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # TDXLF-308
Description  Tuning Fork Crystal Units
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

TDXLF-308 Datasheet(HTML) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  TDXLF-308 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd TDXLF-308 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd TDXLF-308 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd TDXLF-308 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd TDXLF-308 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
No.
3
薦距離3.0mm,並使用工裝夾具進行彎腳。
4
使用說明Processing Instructions
PROCESSING INSTRUCTIONS
石英晶體彎腳TO BEND THE LEAD of cylinder type products
(1)當圓柱狀晶體元件需要彎腳時,爲了防止彎腳時造成密封玻璃體的破裂,從彎腳處到晶體基座底部距離應大於1.5mm。推
When the lead of cylinder type crystal units need to be bent,leave more than 1.5mm(3.0mm is recommendable) of lead from the
case in order to prevent from any cracks of the hermetic sealing glass at the root of the lead,and use a jig to bend if possible.
(2)當圓柱狀晶體元件進行彎腳時,不要剝離引線的鍍層
When bending the lead of cylinder type crystal units,do not scrape off the soldering plating from the lead surface.
元件的安裝MOUNTING
(1)爲了避免影響元件電性能或損壞元件,嚴禁將圓柱狀晶體元件外殼焊接在印製板上進行固定。推薦使用橡膠粘結劑進行
固定Soldering the body of the cylinder type crystal units with PCB must be avoided due to deteriorate the characteristics or damage
the products.Rubber adhesive is recommended
rubber adhesive
rubber adhesive
5
6
(2)當用手工來彎曲引線時,請遵照下列方法When the lead needs to be bent by hand,please follow the instruction as below:
用手指捏住圓柱晶體的外殼;用鑷子夾住引線要彎曲的部位,該部位離晶體基座底部1.5mm以上(推薦3.0mm);
用鑷子夾住彎曲引線成90°,不要用力拉引線。用力拉引線可能造成引線根部的玻璃子破裂,而産生漏氣損壞元件電性能。
Hold the body of the cylinder type crystal unit in fingers;
Pick at the part with tweezer,which you want to bend.There should be more than 1.5mm(3.0mm is recommended) from the body case;
Bend the lead 90° by tweezer without pulling the lead strongly.If pulling the lead strongly may cause any cracks of hermetic sealing
glass at the root of the lead and may cause the leakage and the characteristics to deteriorate.
石英晶體元件的清洗CLEANING
(1)惡劣的超聲波清洗或超聲波焊接可能會影響和損壞石英晶體元件。如果您對晶體元件進行了超聲波清洗,請一定在使用前
確認晶體元件是否受到了影響和損壞
Crystal units may be sffected and destroyed at worst by supersonic cleaning or supersonic welding.Please be sure to check if your
cleaning and welding process sffects any damage to crystal units before using.
(2)有些清洗液也可能造成晶體元件的損壞,請在使用清洗液前確認該清洗液是否適用
Some kinds of cleaning fluid may cause any damage to crystal units.Please be sure to check suitability of the cleaning fluid in advance.
貯存STORAGE
石英晶體元件長時間貯存在高溫或高濕環境中,可能會影響頻率的穩定性或可焊性。請將晶體元件貯存在正常的溫度和濕度
環境中,避免陽光直射和露水凝結,避免貯存6個月以上再使用,拆封後儘快裝配使用。
Storage of crystal units under higher temperature or high humidity for a long term may affects frequency stability or solderability.
Please store the crystal units under the normal temperature and humidity without exposing to direct sunlight and dew condensation
and avoid the storage of crystal units for more than 6 months and mount them as soon as possible after unpacking
rubber adhesive
PCB
rubber adhesive
INSULATOR
≥1.5mm
,and avoid the storage of crystal units for more than 6 months,and mount them as soon as possible after unpacking.
TDXLF-308
Tuning Fork Crystal Units



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com