Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDXLF-308 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # TDXLF-308
Description  Tuning Fork Crystal Units
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

TDXLF-308 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  TDXLF-308 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd TDXLF-308 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd TDXLF-308 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd TDXLF-308 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd TDXLF-308 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
No.
1
2
3 Times free drop from 75cm height to hard wooden
3
4
5
可靠性1Reliability(Mechanical and Environmental Endurance)
Test Items
Test Method and Condition
Requirements
振動
(1)振動頻率Vibration Frequency 10 to 55Hz
頻率變化最大:±10ppm
Vibration
(2)振動幅度Vibration Amplitude 1.5mm
Frequency Change:±10ppm Max.
(3)周期 Cycle Time 1-2min(10-55-10Hz)
電阻變化最大:5kohm
(4)振動方向Direction
X.Y.Z
Resistance Change:5kohm Max.
(5)振動時間Duration 2h/each direction
衝擊
從75cm高的地方自由跌落3次到30mm厚的硬木板上
頻率變化最大:±10ppm
Shock
Frequency Change:±10ppm Max.
board of thickness more than 30mm
電阻變化最大:5kohm
Resistance Change: 5kohm Max.
氣密性
晶體放入氦加壓罐內,充入氦氣壓力0.5-0.6Mpa保持1小時;
漏氣率小於:1x10¯8mbar.l/s
Leakage
然後使用氦質譜檢漏儀測試。
Leakage:1x10¯8mbar.l/s Max.
Put crystal units into a hermetic container and Helium for 0.5-0.6
Mpa,and keep it for 1h;Check the leakage by a Helium leak detecto
可焊性
將引線浸入完全熔化的焊錫鍋內3-5s,焊錫溫度245℃±5℃
浸過引線面積的95%以上被新焊錫
Solderability
Put the leads of crystal units into solder melted tank for 3 to 5s
覆蓋The dipped surface of the leads
Temperature of solder melted tank is 245℃±5℃
should be at least 95% covered with
continuous new solder coating
手工焊接耐热
350℃±10℃,3+1/-0 sec
頻率變化最大:±10ppm
Soldering iron
Frequency Change:±10ppm Max.
resistance
電阻變化最大:10kohm
Resistance Change: 10kohm Max.
6
波峰焊耐热
推荐使用下面的波峰焊温度曲线进行波峰焊接。
Wave soldering
The WAVE SOLDERING PROFILE as below is recommended:
resistance
TDXLF-308
Tuning Fork Crystal Units



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com