Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDXLF-308 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # TDXLF-308
Description  Tuning Fork Crystal Units
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

TDXLF-308 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  TDXLF-308 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd TDXLF-308 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd TDXLF-308 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd TDXLF-308 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd TDXLF-308 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TUNING FORK CRYSTAL UNITS(Cylinder Type) 音叉石英晶體諧振器(柱狀)
Storage Temperature Range
保存溫度範圍
–40~+85℃
Motional Capacitance
動態電容
0.0035pF Typical
和頻率有關Depend on the frequency
Temperature Coefficient
二次溫度係數
[-0.035±0.01]ppm/℃
Operating Temperature Range 工作溫度範圍
–40~+85℃
Series Resistance
諧振電阻
30Kohm Max
at 25℃ Depend on the frequency
Turnover Temperature
拐點溫度
25±5℃
Drive Level
激勵電平
1.0µW Max
Frequency Tolerance
調整頻差
±20ppm
at 25℃ Need to specify
Frequency Range
頻率範圍
32.768KHz
Need to specify
Load Capacitance
負載電容
12.0pF
Need to specify
RoHS Compliant Standard
TDXLF-308
Features 特性
Best suited for portable devices with low current consumption
非常適合低功耗的便攜設備
For a clock source in digital equipments 適用於數碼設備的所
有時鐘源
STANDARD SPECIFICATIONS 標準規格
2
Quality Factor
Q
50000Typical
和頻率有關Depend on the frequency
FREQUENCY VS. TEMPERATURE CURVE
Insulation Resistance
絕緣阻抗
500Mohm Min.
Shunt Capacitance
靜態電容
1.75pF Typical
和頻率有關Depend on the frequency
DC100V±15V(Pin to Pin,Pin to case)
Capacitance Ratio
C0/C1
500 Typical
和頻率有關Depend on the frequency
Aging[first year]
第一年老化率
±5ppm Max
25℃ ±3℃
OUTLINE DIMENSIONS
2
TDXLF-308
Tuning Fork Crystal Units


Similar Part No. - TDXLF-308

ManufacturerPart #DatasheetDescription
logo
Premium PSU
TDX-3300-7802 PSU-TDX-3300-7802 Datasheet
932Kb / 10P
AC Master series (TDS/TDX)
logo
Vectron International, ...
TDX1176 VECTRON-TDX1176 Datasheet
176Kb / 5P
Filter specification
More results

Similar Description - TDXLF-308

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
R38 RALTRON-R38 Datasheet
33Kb / 1P
TUNING FORK CRYSTAL UNITS
logo
RSG Electronic Componen...
CM200S RSG-CM200S Datasheet
200Kb / 1P
TUNING FORK CRYSTAL UNITS
CMT200T RSG-CMT200T Datasheet
188Kb / 1P
TUNING FORK CRYSTAL UNITS
logo
CITIZEN ELECTRONICS CO....
CFS-206 CITIZEN-CFS-206 Datasheet
56Kb / 1P
TUNING FORK CRYSTAL UNITS (Cylinder Type)
CM200C CITIZEN-CM200C Datasheet
79Kb / 1P
TUNING FORK CRYSTAL UNITS (SMD ??Plastic Package)
logo
Shenzhen Luguang Electr...
ZMR-206 LUGUANG-ZMR-206 Datasheet
153Kb / 2P
Tuning Fork Crystal Units
ZM-206 LUGUANG-ZM-206 Datasheet
360Kb / 2P
Tuning Fork Crystal Units
logo
CITIZEN ELECTRONICS CO....
CMR200T32.768KDZY-UT CITIZEN-CMR200T32.768KDZY-UT Datasheet
58Kb / 1P
TUNING FORK CRYSTAL UNITS
CM200S CITIZEN-CM200S Datasheet
798Kb / 1P
TUNING FORK CRYSTAL UNITS
logo
TAITIEN ELECTRONICS CO....
32.768KHZ TAITIEN-32.768KHZ Datasheet
470Kb / 2P
Tuning Fork Crystal Units
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com