Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC320AD56 Datasheet(PDF) 28 Page - Texas Instruments

Part # TLC320AD56
Description  Sigma-Delta Analog Interface Circuit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD56 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLC320AD56 Datasheet HTML 24Page - Texas Instruments TLC320AD56 Datasheet HTML 25Page - Texas Instruments TLC320AD56 Datasheet HTML 26Page - Texas Instruments TLC320AD56 Datasheet HTML 27Page - Texas Instruments TLC320AD56 Datasheet HTML 28Page - Texas Instruments TLC320AD56 Datasheet HTML 29Page - Texas Instruments TLC320AD56 Datasheet HTML 30Page - Texas Instruments TLC320AD56 Datasheet HTML 31Page - Texas Instruments TLC320AD56 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
4–2
4.3
Electrical Characteristics Over Recommended Operating Free-Air
Temperature Range, DVDD = 5 V, AVDD = 5 V (Unless Otherwise Noted)
4.3.1
Digital Inputs and Outputs, MCLK = 4.096 MHz, fs = 8 kHz, Outputs Not Loaded
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage, DOUT
IO = 360 µA
2.4
4.6
V
VOL
Low-level output voltage, DOUT
IO = 2 mA
0.2
0.4
V
IIH
High-level input current, any digital input
VIH = 5 V
10
µA
IIL
Low-level input current, any digital input
VIL = 0.8 V
10
µA
Ci
Input capacitance
5
pF
Co
Output capacitance
5
pF
4.3.2
Digital Inputs and Outputs, MCLK = 4.096 MHz, fs = 8 kHz, Outputs Not Loaded,
DVDD = 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage, DOUT
IO = 360 µA
2
V
VOL
Low-level output voltage, DOUT
IO = 2 mA
0.4
V
IIH
High-level input current, any digital input
VIH = 3.3 V
10
µA
IIL
Low-level input current, any digital input
VIL = 0.6 V
10
µA
Ci
Input capacitance
5
pF
Co
Output capacitance
5
pF
4.3.3
ADC Path Filter, MCLK = 4.096 MHz, fs = 8 kHz (see Note 4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
0 to 300 Hz
– 0.5
0.2
300 Hz to 3 kHz
– 0.35
0.2
Filter gain relative to gain at 1020 Hz
3.3 kHz
– 0.4
0.3
dB
Filter gain relative to gain at 1020 Hz
3.6 kHz
– 3
dB
4 kHz
– 40
≥ 4.4 kHz
– 74
NOTE 4: The filter gain outside of the passband is measured with respect to the gain at 1020 Hz. The analog input test
signal is a sine wave with 0 dB = 6 VI(PP) as the reference level for the analog input signal. The –1 dB pass
band is 0 to 3400 Hz for an 8-kHz sample rate. This pass band scales linearly with the sample rate.
4.3.4
ADC Dynamic Performance, MCLK = 4.096 MHz, fs = 8 kHz
4.3.4.1
ADC Signal-to-Noise (see Note 5)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI = – 1 dB
86
VI = – 3 dB
80
84
VI = – 6 dB
76
81
Signal-to-noise ratio (SNR)
VI = – 9 dB
73
78
dB
VI = – 40 dB
42
47
VI = – 65 dB
17
22
VAUX = – 9 dB
73
78
NOTE 5: The test condition is a 1020-Hz input signal with an 8-kHz conversion rate. Input and output voltages are
referred to AVDD /2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com