Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC320AD56 Datasheet(PDF) 39 Page - Texas Instruments

Part # TLC320AD56
Description  Sigma-Delta Analog Interface Circuit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD56 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TLC320AD56 Datasheet HTML 34Page - Texas Instruments TLC320AD56 Datasheet HTML 35Page - Texas Instruments TLC320AD56 Datasheet HTML 36Page - Texas Instruments TLC320AD56 Datasheet HTML 37Page - Texas Instruments TLC320AD56 Datasheet HTML 38Page - Texas Instruments TLC320AD56 Datasheet HTML 39Page - Texas Instruments TLC320AD56 Datasheet HTML 40Page - Texas Instruments TLC320AD56 Datasheet HTML 41Page - Texas Instruments TLC320AD56 Datasheet HTML 42Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
A–1
Appendix A
Register Set
Bits D12 through D8 in a secondary serial communication comprise the address of the register that is written
with the data carried in D7 through D0. D13 determines a read or write cycle to the addressed register. When
low, a write cycle is selected.
Table A–1 shows the register map.
Table A–1. Data and Control Registers
REGISTER NO
BITS
REGISTER NAME
REGISTER NO.
D15
D14
D13
D12
D11
D10
D9
D8
REGISTER NAME
0
0
0
0
0
0
0
0
0
No operation
1
0
000000
1
Control 1
2
0
0
0
0
0
0
1
0
Control 2
Table A–2. Control 1 Register
BITS
DESCRIPTION
D7
D6
D5
D4
D3
D2
D1
D0
DESCRIPTION
1
Software reset
0
Software reset not asserted
1
Software power down (analog and filters)
0
Software power down (not asserted)
1
Select AUXP and AUXM
0
Select INP and INM
0
Select INP and INM for monitor
1
Select AUXP and AUXM for monitor
1
1
Monitor amp gain = – 18 dB (see Note B)
1
0
Monitor amp gain = – 8 dB (see Note B)
0
1
Monitor amp gain = 0 dB (see Note B)
0
0
Monitor amp mute
1
Digital loopback asserted
0
Digital loopback not asserted
1
16-bit mode (hardware secondary requests)
0
Not 16-bit mode (software secondary requests)
NOTES:
A. Default value: 00000000
B. These gains are for a single-ended input. The gain is 6 dB lower with a differential input.
The software reset is a one-shot operation and this bit is cleared to 0 after reset. It is not necessary to write
a zero to end the master reset operation. Writing 0s to the reserved bits is suggested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com