Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5014 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC5014
Description  High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC5014 Datasheet HTML 7Page - Semtech Corporation SC5014 Datasheet HTML 8Page - Semtech Corporation SC5014 Datasheet HTML 9Page - Semtech Corporation SC5014 Datasheet HTML 10Page - Semtech Corporation SC5014 Datasheet HTML 11Page - Semtech Corporation SC5014 Datasheet HTML 12Page - Semtech Corporation SC5014 Datasheet HTML 13Page - Semtech Corporation SC5014 Datasheet HTML 14Page - Semtech Corporation SC5014 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
SC5014

Block Diagram
DutyCycle
MUX
ISET
EA
MinimumVoltage
Detection
OTP
NDRV
LS
4
IO1
IO2
IO3
OVP
EN
PWMI
CPLL
VCC
CP
VCO
LEDOpen/ShortFault
SDA
SCL
PWMDimAdjust
OTP
8
FSET
I2C
Interface
CS
ISETAdjust
1/N
PLL
I-REF
ADJ
LEDFreqAdjust
I2C
(PLLrange)
PWMFreq.
Adjust
18
5-bit
DAC
UVLO
Boost
Oscillator
VBG
SCP
REF
X20
SC_REF
DutyCycle
Extractor
Recycle
Generator
I2CInterface
and
LEDControl
Logic
ControlLogic
FLT
OC/SC
Detection
SC_REF
IO4
COMP
10
5
4
OSC
CLIM
+
+
-
PWM
COMP
Slope
Comp
10MHz
(SystemClk)
PGND
10
4
4
DC
DC
BG
ILIM
+
-
+
-
OVP
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com