Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5014 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC5014
Description  High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC5014 Datasheet HTML 12Page - Semtech Corporation SC5014 Datasheet HTML 13Page - Semtech Corporation SC5014 Datasheet HTML 14Page - Semtech Corporation SC5014 Datasheet HTML 15Page - Semtech Corporation SC5014 Datasheet HTML 16Page - Semtech Corporation SC5014 Datasheet HTML 17Page - Semtech Corporation SC5014 Datasheet HTML 18Page - Semtech Corporation SC5014 Datasheet HTML 19Page - Semtech Corporation SC5014 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
SC5014
6
Applications Information (continued)
(2) PWM Indirect Control
This is the default mode for LED PWM dimming in the
SC504. In this mode, the input signal applied on the PWM
pin is passed through a duty cycle extractor block after the
system has detected two successive duty cycles that are the
same. The extractor measures the duty cycle of the PWM
input, and, depending on the value of FAST_FREQ, the duty
cycle is converted to a 9-bit value (FAST_FREQ = ) or a 0-
bit value (FAST_FREQ = 0). This value is then passed to the
PWM generator block as shown in Figure .
The LED PWM output frequency is set via the FREQ regis-
ter (address 0x05) and the FAST_FREQ bit.
With FAST_FREQ = 0, low dimming frequency option is
selected and the PWM dimming frequency will be accord-
ing to the following equation:
10kHz(max)
]
1
]
0
:
7
[
FREQ
[
1024
MHz
10
Frequency
Dimming
PWM
=
+
×
=
With FAST_FREQ = , the high dimming frequency option
is selected and the PWM dimming frequency is shown by
the following equation:
20kHz(max)
]
1
]
0
:
7
[
FREQ
[
512
MHz
10
Frequency
Dimming
PWM
=
+
×
=
The default option is FAST_FREQ = . This gives 9-bit duty
cycle resolution and up to 20kHz dimming frequency
range. The PWM input is usually generated by the system
graphics processor. This mode allows the user to set the
PWM output dimming frequency independent of the
PWMI input.
If the PWM signal has jitter, the SC504 provides an option
to filter it out. Hysteresis is also provided by selecting the
WND[:0] bits in the DCR register (address 0x0). WND[:0]
bits set the window comparator such that if a change in
the duty cycle is detected which is smaller than the set
window, then it is ignored.
(3) I2C Control
In I2C dimming mode (refer to Figure , page 4), both the
output LED dimming duty cycle and the dimming fre-
quency are set via the internal registers. The PWMI pin
should be connected to ground. In this mode, the LED
dimming duty cycle is set via the duty cycle registers
(addresses 0x03, 0x04); and the dimming frequency is set
via the FREQ register (address 0x05) and the FAST_FREQ
bit.
With FAST_FREQ = 0, the LED duty cycle can achieve 0-bit
resolution, D[9:0], which is combined by two portions: ()
MSB portion - register address 0x03 [:0] and (2) LSB portion
- register address 0x04 [7:0] as shown below.
The dimming duty cycle with FAST_FREQ = 0 can be calcu-
lated as:
LED Dimming Duty Cycle = {D[9:0]
decimal }/2
0
-
With FAST_FREQ = , the LED duty cycle can achieve 9-bit
resolution, D[9:], which is combined by two portions: ()
MSB portion - register address 0x03 [:0] and (2) LSB portion
- register address 0x04 [7:] as shown below.
The dimming duty cycle with FAST_FREQ =  can be calcu-
lated as:
LED Dimming Duty Cycle = {D[9:]
decimal }/2
9
-
In both cases mentioned above, the duty cycle is fixed to be
0 when D[9:0] is set as 0x00.
The PWM dimming frequency is controlled the same way as
in“Indirect Control”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com