Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5014 Datasheet(PDF) 27 Page - Semtech Corporation

Part # SC5014
Description  High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014 Datasheet(HTML) 27 Page - Semtech Corporation

Back Button SC5014 Datasheet HTML 23Page - Semtech Corporation SC5014 Datasheet HTML 24Page - Semtech Corporation SC5014 Datasheet HTML 25Page - Semtech Corporation SC5014 Datasheet HTML 26Page - Semtech Corporation SC5014 Datasheet HTML 27Page - Semtech Corporation SC5014 Datasheet HTML 28Page - Semtech Corporation SC5014 Datasheet HTML 29Page - Semtech Corporation SC5014 Datasheet HTML 30Page - Semtech Corporation SC5014 Datasheet HTML 31Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
SC5014
27
Register Map
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Value
Description
0x00
CLF
PLL_RDY
LED_
SHORT
LED_
OPEN
OTP
OVP
FAULT
0x00
Fault Status
0x0
WND
WND0
FAST_
FREQ
FLT_EN
PHASE_
SHIFT
INT_
DUTY
INT_
PWM
0xB5
Device Control
0x02
IDAC4
IDAC3
IDAC2
IDAC
IDAC0
0xF
Analog Dimming
Control
0x03
D9
D8
0x00
Dimming Duty Cycle
Control 
0x04
D7
D6
D5
D4
D3
D2
D
D0
0x00
Dimming Duty Cycle
Control 2
0x05
FREQ7
FREQ6
FREQ5
FREQ4
FREQ3
FREQ2
FREQ
FREQ0
0x00
Dimming Frequency
Select
0x06
NPLL7
NPLL6
0x00
PLL Divider MSB
0x07
NPLL5
NPLL4
NPLL3
NPLL2
NPLL
NPLL0
NPLL9
NPLL8
0x00
PLL Divider LSB2
0x08
NPLL7
NPLL6
NPLL5
NPLL4
NPLL3
NPLL2
NPLL
NPLL0
0x08
PLL Divider LSB
0x09
FADE_EN
FADE_
TYPE
STEP_
MUL2
STEP_
MUL
STEP_
MUL0
0x80
Fade Options
0x0A
FADE_
RATE6
FADE_
RATE5
FADE_
RATE4
FADE_
RATE3
FADE_
RATE2
FADE_
RATE
FADE_
RATE0
0x00
Fade Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com