Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5014 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC5014
Description  High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC5014 Datasheet HTML 11Page - Semtech Corporation SC5014 Datasheet HTML 12Page - Semtech Corporation SC5014 Datasheet HTML 13Page - Semtech Corporation SC5014 Datasheet HTML 14Page - Semtech Corporation SC5014 Datasheet HTML 15Page - Semtech Corporation SC5014 Datasheet HTML 16Page - Semtech Corporation SC5014 Datasheet HTML 17Page - Semtech Corporation SC5014 Datasheet HTML 18Page - Semtech Corporation SC5014 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
SC5014
5
Applications Information (continued)
The SC504 has a unique DAC architecture which allows it
to have excellent LED current accuracy and string-to-string
matching over the entire DAC range.
The analog dimming method can be used in conjunction
with PWM dimming to increase the dimming resolution.
The fast loop response of the SC504 allows the LED
current to transition to a new value within 60µs or so.
Please refer to the graphs in the typical characteristics
section.
LED PWM Dimming Control
The SC504 supports three PWM dimming modes for
controlling the brightness of the LEDs.
The dimming modes are:
() PWM direct,
(2) PWM indirect and
(3) I2C control
It provides flexibility in setting the duty cycle and fre-
quency of the LED PWM signal. The PWM dimming mode
is set through the device control register (register address:
0x0) DCR [:0] bits. Refer to Table  for more details.
(1) PWM Direct Control
The PWM input needs to be held high for normal opera-
tion. PWM dimming can be achieved by cycling the PWM
input at a given frequency where a “low” on the PWM
input turns off all IO current sinks and a “high” turns on all
IO current sinks. The PWM pin can be toggled by external
circuitry to allow PWM dimming. In a typical application,
a microcontroller sets a register or counter that varies the
pulse width on a GPIO pin. The SC504 allows dimming
over a wide frequency range (00Hz-30kHz) in order to
allow compatibility with a wide range of devices. This
includes the newest dimming strategies that avoid the
audio band by using high frequency PWM dimming. In
this manner, a wide range of illumination can be gener-
ated while keeping the instantaneous LED current at its
peak value for high efficiency and color temperature. The
SC504 provides a 000: dimming range at kHz PWM
frequency. The LED current sinks turn on/off very rapidly
(<25ns, typical). This allows a wide dimming ratio. An addi-
tional advantage of PWM dimming is that it avoids in-rush
currents when filling the boost output capacitor. Simply
apply the PWM signal to the device at 0% duty for a milli-
second or two, and in-rush current is reduced. This
dimming time will vary based on the number of LEDs and
the size of the output capacitor. This can be easily deter-
mined during testing and programmed into the microcon-
troller firmware.
Table 1 — LED Dimming Control Methods
PWM Dim-
ming Mode
Register
Settings
DCR[1:0]
PWM
Input
Source
LED PWM Output
Phase
Shift
Option
PWM Frequency
PWM Duty Cycle
PWM Direct
Control
00
PWMI Pin
Input
Same as the PWMI Input
(Range 00 Hz to 30kHz)
Same as the PWMI Input
NO
PWM Indirect
Control
(Default
Option)
0
PWMI Pin
Input
Set via the FREQ Register
(0x05) and FAST_FREQ Bit
0kHz (max): FAST_FREQ=0
20kHz (max): FAST_FREQ=
Same as the Duty Cycle of the PWM Input
YES
I2C
Control

I2C
Control
Set via the FREQ Register
(0x05) and FAST_FREQ bit
0kHz (max): FAST_FREQ=0
20kHz (max): FAST_FREQ=
Set Via the Duty Cycle Control
Register (0x03, 0x04)
0-Bits @ 0kHz Output
9-Bits @ 20kHz Output
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com